Electronic Components Datasheet Search
  English  ▼

X  

925874ESD Datasheet (PDF) - KNIPEX

925874ESD Datasheet PDF - KNIPEX
Part # 925874ESD
Download  925874ESD Download
File Size   113.8 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Universal Tweezers ESD

925874ESD Datasheet (PDF)

Go To PDF Page Download Datasheet
925874ESD Datasheet PDF - KNIPEX

Part # 925874ESD
Download  925874ESD Click to download

File Size   113.8 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Universal Tweezers ESD

925874ESD Datasheet (HTML) - KNIPEX


925874ESD Product details

General
Article No. 92 58 74 ESD
EAN 4003773054900
Material stainless steel
Gripping surfaces smooth gripping surfaces
Weight 16 g
Dimensions 118 x 10 x 12 mm
Standard DIN EN 61340 -5-1
Reach no
RohS no




Similar Part No. - 925874ESD

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
925871-1 TEC-925871-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925871-2 TEC-925871-2 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925871-3 TEC-925871-3 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925871-4 TEC-925871-4 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
925871-5 TEC-925871-5 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
More results


Similar Description - 925874ESD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM117 ETC2-SM117 Datasheet
3Mb / 4P
General Purpose Tweezers
44521 ETC-44521 Datasheet
264Kb / 3P
Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
49783 ETC2-49783 Datasheet
259Kb / 3P
Professional Quality Tweezers
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
TOL-10603 SPARKFUN-TOL-10603 Datasheet
99Kb / 1P
Tweezers ??Straight (ESD Safe)
5??6??7
TOL-12572 SPARKFUN-TOL-12572 Datasheet
75Kb / 1P
Tweezers - Curved (cross-lock, ESD Safe)
5??5??7
TOL-12573 SPARKFUN-TOL-12573 Datasheet
68Kb / 1P
Tweezers - Straight (cross-lock, ESD Safe)
5??5??7
logo
IDEAL-TEK SA
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
Diamond coated Tweezers
00CCFR.SA.1 IDEAL-TEK-00CCFR.SA.1 Datasheet
438Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com