Electronic Components Datasheet Search
  English  ▼

X  

HD2DPMM2M Datasheet (PDF) - StarTech.com Ltd.

HD2DPMM2M Datasheet PDF - StarTech.com Ltd.
Part # HD2DPMM2M
Download  HD2DPMM2M Download
File Size   153.87 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 2 m (6.6 ft.) HDMI to DisplayPort Cable - 4K 30Hz

HD2DPMM2M Datasheet (PDF)

Go To PDF Page Download Datasheet
HD2DPMM2M Datasheet PDF - StarTech.com Ltd.

Part # HD2DPMM2M
Download  HD2DPMM2M Click to download

File Size   153.87 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 2 m (6.6 ft.) HDMI to DisplayPort Cable - 4K 30Hz

HD2DPMM2M Datasheet (HTML) - StarTech.com Ltd.


HD2DPMM2M Product details

Applications
• Use in your boardroom or office workstations for installations
requiring 2 m (6.6 ft.) of cable
• Connect your HDMI computer to a DisplayPort monitor
• Viewing video footage from your HDMI source on a DisplayPort
monitor

Features
• Provides a convenient plug-and-play solution with no additional
cables required
• Active HDMI to DisplayPort conversion transmits high-definition audio
and video from your computer to a DP monitor
• Deliver astonishing picture quality with support for video resolutions
up to Ultra HD 4K




Similar Part No. - HD2DPMM2M

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HD2DPMM3M STARTECH-HD2DPMM3M Datasheet
92Kb / 3P
3 m (9.8 ft.) HDMI to DisplayPort Cable - 4K 30Hz
More results


Similar Description - HD2DPMM2M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-006-H TRIPPLITE-U444-006-H Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @30Hz, 6 ft.
P580-020 TRIPPLITE-P580-020 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 30Hz, 20-ft.
P580-025 TRIPPLITE-P580-025 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 30Hz, 25-ft.
P582-003 TRIPPLITE-P582-003 Datasheet
162Kb / 2P
DisplayPort to HDMI Cable Adapter (M/M), 3-ft.
P582-006 TRIPPLITE-P582-006 Datasheet
166Kb / 2P
DisplayPort to HDMI Cable Adapter (M/M), 6-ft.
P582-010 TRIPPLITE-P582-010 Datasheet
166Kb / 2P
DisplayPort to HDMI Cable Adapter (M/M), 10-ft.
P567-01M TRIPPLITE-P567-01M Datasheet
190Kb / 3P
HDMI to DisplayPort Active Adapter Cable (M/M) - 4K, USB Power, Black, 1 m (3.3 ft.)
P567-02M TRIPPLITE-P567-02M Datasheet
190Kb / 3P
HDMI to DisplayPort Active Adapter Cable (M/M) - 4K, USB Power, Black, 2 m (6.6 ft.)
logo
IOGEAR
GDPDVI4KA IOGEAR-GDPDVI4KA Datasheet
167Kb / 3P
Active DisplayPort to DVI Adapter - 4K 30Hz
GHDMDPF IOGEAR-GHDMDPF Datasheet
180Kb / 2P
HDMI짰 (M) to DisplayPort (F) Adapter; 4K @30Hz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com