Electronic Components Datasheet Search
  English  ▼

X  

ET90110ST2 Datasheet (PDF) - StarTech.com Ltd.

ET90110ST2 Datasheet PDF - StarTech.com Ltd.
Part # ET90110ST2
Download  ET90110ST2 Download
File Size   100.94 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 10/100 Mbps Multi Mode Fiber Media Converter ST 2 km

ET90110ST2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ET90110ST2 Datasheet PDF - StarTech.com Ltd.

Part # ET90110ST2
Download  ET90110ST2 Click to download

File Size   100.94 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 10/100 Mbps Multi Mode Fiber Media Converter ST 2 km

ET90110ST2 Datasheet (HTML) - StarTech.com Ltd.


ET90110ST2 Product details

Applications
Provides connectivity to a user or network segment that is in an isolated area of a large complex or in another
building altogether
Perfect for secure connections required by government agencies where EMI is not acceptable
Connect traffic control/monitoring systems at extreme distances to the main office
Extend network connectivity to remote areas of stadiums, auditoriums or other venues
Converts 100Base-FX fiber optic signals to 10/100Base-T Ethernet over multi mode fiber cable

Features
Supports standalone operation, or installation into the ETCHS2U Rackmount Chassis
Cost-effective way to extend/bridge networks using fiber cabling
Advanced features include Link-loss forwarding, remote monitor status, two frame lengths
Supports a maximum fiber cable length of 2 km
Supports full or half-duplex operation
Quick and simple installation, easy to use




Similar Part No. - ET90110ST2

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ET90-24100C-FW GAMEWELL-FCI-ET90-24100C-FW Datasheet
240Kb / 4P
Wheelock
ET90-2430C-FW GAMEWELL-FCI-ET90-2430C-FW Datasheet
240Kb / 4P
Wheelock
ET90-2475C-FW GAMEWELL-FCI-ET90-2475C-FW Datasheet
240Kb / 4P
Wheelock
ET90-24MCC-FW GAMEWELL-FCI-ET90-24MCC-FW Datasheet
110Kb / 4P
Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
ET90-24MCCH-FW GAMEWELL-FCI-ET90-24MCCH-FW Datasheet
110Kb / 4P
Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
More results


Similar Description - ET90110ST2

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9331AE DAVICOM-DM9331AE Datasheet
75Kb / 2P
100 Mbps Twisted Pair/Fiber Ethernet Media Converter Chip
logo
Tripp Lite. All Rights ...
N785-INT-SC-SM TRIPPLITE-N785-INT-SC-SM Datasheet
167Kb / 3P
Gigabit Singlemode Fiber to Ethernet Media Converter, 10/100/1000 SC, 1310 nm, 20 km (12.4mi.)
logo
Advantech Co., Ltd.
856-15410 ADVANTECH-856-15410 Datasheet
536Kb / 2P
10/100/1000 Mbps Ethernet Media Converter
855-12920 ADVANTECH-855-12920 Datasheet
428Kb / 2P
Switching 10/100/1000 Mbps PC Card Ethernet Media Converter
856-18700 ADVANTECH-856-18700 Datasheet
565Kb / 2P
10/100 Mbps Ethernet Media Converter
logo
Tripp Lite. All Rights ...
N784-H01-STMM TRIPPLITE-N784-H01-STMM Datasheet
168Kb / 4P
Hardened Copper to Fiber Media Converter -10/100 Mbps, RJ45/ST Multimode, -10° to 60°C, 2km (1.2 mi.)
N784-H01-SCMM TRIPPLITE-N784-H01-SCMM_V01 Datasheet
47Kb / 4P
Hardened Copper to Fiber Media Converter - 10/100 Mbps, RJ45/SC Multimode, -10° to 60°C, 2 km (1.2 mi.)
N784-H01-SCSM TRIPPLITE-N784-H01-SCSM Datasheet
47Kb / 4P
Hardened Copper to Fiber Media Converter - 10/100 Mbps, RJ45/SC Singlemode, -10° to 60°C, 30 km (18.6 mi.)
N784-H01-STMM TRIPPLITE-N784-H01-STMM_V01 Datasheet
46Kb / 4P
Hardened Copper to Fiber Media Converter - 10/100 Mbps, RJ45/ST Multimode, -10° to 60°C, 2 km (1.2 mi.)
N785-H01-SCSM TRIPPLITE-N785-H01-SCSM Datasheet
47Kb / 4P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SC Singlemode, -10° to 60°C, 10 km (6.2 mi.)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com