Electronic Components Datasheet Search
  English  ▼

X  

XK03 Datasheet (PDF) - Renesas Technology Corp

XK03 Datasheet PDF - Renesas Technology Corp
Part # XK03
Download  XK03 Download
File Size   1995.41 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-low Phase Noise Quartz-based PLL Oscillator

XK03 Datasheet (PDF)

Go To PDF Page Download Datasheet
XK03 Datasheet PDF - Renesas Technology Corp

Part # XK03
Download  XK03 Click to download

File Size   1995.41 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-low Phase Noise Quartz-based PLL Oscillator

XK03 Datasheet (HTML) - Renesas Technology Corp


XK03 Product details

▪ 55fs RMS typical phase jitter (12kHz to 20MHz) at
156.25MHz
▪ 50MHz to 1250MHz output frequency
▪ Package options:
• 1.80 × 1.40 × 0.85 mm (1.60 × 1.20 mm footprint
compatible) – 6-LGA (LTV6D1)
• 2.00 × 1.60 × 0.85 mm – 6-LGA (LLV6D1)
• 2.50 × 2.00 × 0.70 mm – 6-LGA (LTT6D1)
• 3.20 × 2.50 × 0.70 mm – 6-LGA (LLT6D1)
▪ Supply voltage options: 1.8V, 2.5V, 3.3V
▪ Output types:
• LVDS, CML, and HCSL (1.8V, 2.5V, 3.3V)
• LVPECL (3.3V only)
• LVCMOS differential (1.8V only)
▪ Total stability ±50ppm (including temperature,
power supply, and aging)
▪ Operating temperature:
-40°C to +85°C (all operating voltages)
-40°C to +105°C (1.8V, 3.2 × 2.5 mm package only)




Similar Part No. - XK03

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XK0003P E-SWITCH-XK0003P Datasheet
42Kb / 1P
PLATING MATERIAL: SILVER
XK0089P E-SWITCH-XK0089P Datasheet
79Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XK0092P E-SWITCH-XK0092P Datasheet
94Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XK0093P E-SWITCH-XK0093P Datasheet
47Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XK0096P E-SWITCH-XK0096P Datasheet
65Kb / 1P
ALL DIMENSIONS IN MM[INCH]
More results


Similar Description - XK03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CCHD-575 CRYSTEKCRYSTAL-CCHD-575 Datasheet
126Kb / 2P
Ultra-Low Phase Noise Oscillator
CCHD-957 CRYSTEKCRYSTAL-CCHD-957_15 Datasheet
327Kb / 2P
Ultra-Low Phase Noise Oscillator
CVHD-950 CRYSTEKCRYSTAL-CVHD-950_15 Datasheet
323Kb / 3P
Ultra-Low Phase Noise Oscillator
CVPD-952 CRYSTEKCRYSTAL-CVPD-952 Datasheet
183Kb / 2P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
CRYSTEK CORPORATION
CCHD-575 CRYSTEKMICROWAVE-CCHD-575 Datasheet
627Kb / 4P
Ultra-Low Phase Noise Oscillator
CCHD-950 CRYSTEKMICROWAVE-CCHD-950 Datasheet
388Kb / 2P
Ultra-Low Phase Noise Oscillator
logo
Integrated Device Techn...
XA IDT-XA Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
XL Family of Low Phase Noise Quartz-based PLL Oscillators
XU IDT-XU Datasheet
458Kb / 21P
XU Family of Low Phase Noise Quartz-based PLL Oscillators
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com