Electronic Components Datasheet Search
  English  ▼

X  

902540 Datasheet (PDF) - KNIPEX

902540 Datasheet PDF - KNIPEX
Part # 902540
Download  902540 Download
File Size   146.7 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Pipe Cutter For composite and plastic pipes

902540 Datasheet (PDF)

Go To PDF Page Download Datasheet
902540 Datasheet PDF - KNIPEX

Part # 902540
Download  902540 Click to download

File Size   146.7 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Pipe Cutter For composite and plastic pipes

902540 Datasheet (HTML) - KNIPEX


902540 Product details

General
Article No. 90 25 40
EAN 4003773045182
Pliers galvanized
Handles with multi-component grips
Weight 500 g
Dimensions 210 x 92 x 28 mm
Reach yes
RohS no




Similar Part No. - 902540

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9025410000 WEIDMULLER-9025410000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025420000 WEIDMULLER-9025420000 Datasheet
111Kb / 2P
H-LEERBOX 4 TRENNSTEGE
9025430000 WEIDMULLER-9025430000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: DIN
September 28, 2021
logo
Keysight Technologies
90254A KEYSIGHT-90254A Datasheet
4Mb / 41P
Infiniium 90000 Series Oscilloscopes
More results


Similar Description - 902540

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-17-02-A GLENAIR-M24758-17-02-A Datasheet
136Kb / 2P
Adapter for Tapered Pipe Thread
M24758-18-02-A GLENAIR-M24758-18-02-A Datasheet
61Kb / 1P
Adapter for Straight Pipe Thread
logo
Molex Electronics Ltd.
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
Wafer Cutter
0747690403 MOLEX11-0747690403 Datasheet
47Kb / 1P
QSFP Light Pipe Assembly, With Clip and Single Light Pipe
0747690404 MOLEX11-0747690404 Datasheet
47Kb / 1P
QSFP Light Pipe Assembly, With Clip and Double Light Pipe
logo
PHOENIX CONTACT
PPS-90-STANDARD-M PHOENIX-PPS-90-STANDARD-M Datasheet
58Kb / 5P
Profile cutter, for cutting and stamping holes in standard DIN rails
PPS-CLASSIC-M PHOENIX-PPS-CLASSIC-M Datasheet
56Kb / 5P
Profile cutter, for cutting and stamping holes in standard DIN rails
logo
3M Electronics
PPD 3M-PPD Datasheet
156Kb / 3P
3M??Fire Barrier Plastic Pipe Device (PPD)
logo
PHOENIX CONTACT
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
logo
Molex Electronics Ltd.
69008-0350 MOLEX-69008-0350 Datasheet
35Kb / 3P
HANDTOOL HEADER CUTTER
04.03.15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com