Electronic Components Datasheet Search
  English  ▼

X  

9025185 Datasheet (PDF) - KNIPEX

9025185 Datasheet PDF - KNIPEX
Part # 9025185
Download  9025185 Download
File Size   146.41 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Pipe cutter for plastic composite pipes

9025185 Datasheet (PDF)

Go To PDF Page Download Datasheet
9025185 Datasheet PDF - KNIPEX

Part # 9025185
Download  9025185 Click to download

File Size   146.41 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Pipe cutter for plastic composite pipes

9025185 Datasheet (HTML) - KNIPEX


9025185 Product details

General
Article No. 90 25 185
EAN 4003773084839
Handles tough fibreglass reinforced plastic handles
Weight 175 g
Dimensions 185 x 68 x 24 mm
Reach no
RohS no




Similar Part No. - 9025185

ManufacturerPart #DatasheetDescription
logo
Virginia Panel Corporat...
9025 VPC-9025 Datasheet
1Mb / 2P
Receiver, G18, 18 Module, with Slide Mounting Kit (slide kit required)
logo
List of Unclassifed Man...
9025 ETC2-9025 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
ETAL Group
9025 ETAL-9025 Datasheet
166Kb / 4P
LOW PROFILE LINE MATCHING TRANSFORMER
logo
Heyco.
9025 HEYCO-9025 Datasheet
152Kb / 2P
Snap Rivets
logo
NTE Electronics
90250 NTE-90250 Datasheet
15Kb / 1P
1000V CERAMIC DISC
More results


Similar Description - 9025185

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-17C04 GLENAIR-M24758-17C04 Datasheet
50Kb / 2P
Adapter for Tapered Pipe Thread
M24758-18C GLENAIR-M24758-18C Datasheet
49Kb / 2P
Adapter for Straight Pipe Thread
M24758-17-02-A GLENAIR-M24758-17-02-A Datasheet
136Kb / 2P
Adapter for Tapered Pipe Thread
M24758-18-02-A GLENAIR-M24758-18-02-A Datasheet
61Kb / 1P
Adapter for Straight Pipe Thread
M24758-17-16-A GLENAIR-M24758-17-16-A Datasheet
77Kb / 1P
Adapter for Tapered Pipe Thread
M24758-18-16-A GLENAIR-M24758-18-16-A Datasheet
78Kb / 1P
Adapter for Straight Pipe Thread
logo
Molex Electronics Ltd.
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
Wafer Cutter
logo
3M Electronics
PPD 3M-PPD Datasheet
156Kb / 3P
3M??Fire Barrier Plastic Pipe Device (PPD)
logo
PHOENIX CONTACT
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
logo
Molex Electronics Ltd.
69008-0350 MOLEX-69008-0350 Datasheet
35Kb / 3P
HANDTOOL HEADER CUTTER
04.03.15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com