Electronic Components Datasheet Search
  English  ▼

X  

FMW34SP4 Datasheet (PDF) - Infinite Electronics International, Inc.

FMW34SP4 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMW34SP4
Download  FMW34SP4 Download
File Size   493.09 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description WR-34 Waveguide Short Plate with 4mm Copper and UG-Cover Square Flange

FMW34SP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMW34SP4 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMW34SP4
Download  FMW34SP4 Click to download

File Size   493.09 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description WR-34 Waveguide Short Plate with 4mm Copper and UG-Cover Square Flange

FMW34SP4 Datasheet (HTML) - Infinite Electronics International, Inc.


FMW34SP4 Product details

Features
• WR-34 Waveguide Short Plate
• Square UG-Cover Flange
• Configuration
• Frequency Range: 21.7
• GHz to 33 GHz
• Min VSWR: 60:1
• 4 mm Thick Copper Construction
• FMW34SP4
• DATA SHEET




Similar Part No. - FMW34SP4

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMW340CG01 FAIRVIEW-FMW340CG01 Datasheet
278Kb / 2P
WR-340 Waveguide Gasket For CPRF Flanges, Conductive Silicone Elastomer
REV A
FMW340TW001 FAIRVIEW-FMW340TW001 Datasheet
297Kb / 3P
WR-340 90 Degree Waveguide Right Hand Twist Using a UG Cover And Grooved Flanges And a 2.17 GHz to 3.3 GHz Frequency Range
REV A
FMW34CP001-30 FAIRVIEW-FMW34CP001-30 Datasheet
448Kb / 3P
30 dB WR-34 Waveguide Broadwall Coupler with UG-1530/U Flange and 2.92mm Female Coupled Port from 21.7 GHz to 33 GHz in Copper
REV 1A
FMW34CP001-40 FAIRVIEW-FMW34CP001-40 Datasheet
449Kb / 3P
40 dB WR-34 Waveguide Broadwall Coupler with UG-1530/U Flange and 2.92mm Female Coupled Port from 21.7 GHz to 33 GHz in Copper
REV 1A
FMW34DV001 FAIRVIEW-FMW34DV001 Datasheet
464Kb / 3P
WR-34 2 Way Waveguide Power Divider From 27 GHz to 31 GHz UG Square Cover Flange, Brass
REV 1A
More results


Similar Description - FMW34SP4

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWGK1001 PASTERNACK-PEWGK1001 Datasheet
450Kb / 3P
WR-42, WR-34 Waveguide Gasket kit Square Cover
PEWTS1002 PASTERNACK-PEWTS1002 Datasheet
398Kb / 3P
WR-112 to WR-90 Waveguide Transition 3 Inch Length, UG-51/U Square Cover Flange to UG-39/U Square Cover Flange
PEWTS1004 PASTERNACK-PEWTS1004 Datasheet
397Kb / 3P
WR-90 to WR-75 Waveguide Transition 3 Inch Length, UG-39/U Square Cover Flange to Square Cover Flange
PEWTS1006 PASTERNACK-PEWTS1006 Datasheet
398Kb / 3P
WR-75 to WR-62 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-1665/U Square Cover Flange
PEWTS1007 PASTERNACK-PEWTS1007 Datasheet
397Kb / 3P
WR-62 to WR-51 Waveguide Transition 3 Inch Length, UG-1665/U Square Cover Flange to Square Cover Flange
PEWTS1008 PASTERNACK-PEWTS1008 Datasheet
385Kb / 3P
WR-51 to WR-42 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-595/U Square Cover Flange
PEWTS1009 PASTERNACK-PEWTS1009 Datasheet
387Kb / 3P
WR-42 to WR-34 Waveguide Transition 2 Inch Length, UG-595/U Square Cover Flange to UG-1530/U Square Cover Flange
PEWTS1010 PASTERNACK-PEWTS1010 Datasheet
387Kb / 3P
WR-34 to WR-28 Waveguide Transition 2 Inch Length, UG-1530/U Square Cover Flange to UG-599/U Square Cover Flange
PE-W28TS42001 PASTERNACK-PE-W28TS42001 Datasheet
443Kb / 4P
WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-599/U Square Cover Flange to UG-595/U Square Cover Flange
PEWAD5009 PASTERNACK-PEWAD5009 Datasheet
418Kb / 4P
WR-34 Waveguide Bulkhead Adapter UG-1530/U Square Cover Flange, 22 GHz to 33 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com