Electronic Components Datasheet Search
  English  ▼

X  

7251160 Datasheet (PDF) - KNIPEX

7251160 Datasheet PDF - KNIPEX
Part # 7251160
Download  7251160 Download
File Size   121.48 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Diagonal Cutter for fibre optics

7251160 Datasheet (PDF)

Go To PDF Page Download Datasheet
7251160 Datasheet PDF - KNIPEX

Part # 7251160
Download  7251160 Click to download

File Size   121.48 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Diagonal Cutter for fibre optics

7251160 Datasheet (HTML) - KNIPEX


7251160 Product details

General
Article No. 72 51 160
EAN 4003773028031
Head polished
Handles plastic coated
Weight 166 g
Dimensions 160 x 73 x 14 mm
Reach no
RohS no




Similar Part No. - 7251160

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
72511 MOLEX5-72511 Datasheet
268Kb / 4P
9.53mm (.375") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 11 Circuits
72511 MOLEX11-72511 Datasheet
43Kb / 2P
9.53mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 11 Circuits
72511-50 MOLEX5-72511-50 Datasheet
268Kb / 4P
9.53mm (.375") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 11 Circuits, with Screw Clamp Washer
72511-50 MOLEX11-72511-50 Datasheet
43Kb / 2P
9.53mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 11 Circuits
72511-C MOLEX5-72511-C Datasheet
294Kb / 4P
9.53mm (.375") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 11 Circuits
More results


Similar Description - 7251160

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1205862 PHOENIX-1205862 Datasheet
48Kb / 2P
Diagonal cutter - MICROFOX SC
1212206 PHOENIX-1212206 Datasheet
53Kb / 2P
Diagonal cutter - CUTFOX-SP VDE
1212487 PHOENIX-1212487 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP-1
1212488 PHOENIX-1212488 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP
1212489 PHOENIX-1212489 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SB
1212494 PHOENIX-1212494 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-E
1212805 PHOENIX-1212805 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SB_DB
1212806 PHOENIX-1212806 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SP_DB
1212832 PHOENIX-1212832 Datasheet
42Kb / 2P
Diagonal cutter - CUTFOX-SE
1212833 PHOENIX-1212833 Datasheet
43Kb / 2P
Diagonal cutter - CUTFOX-SE LM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com