Electronic Components Datasheet Search
  English  ▼

X  

6101200 Datasheet (PDF) - KNIPEX

6101200 Datasheet PDF - KNIPEX
Part # 6101200
Download  6101200 Download
File Size   166.88 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Bolt End Cutting Nipper High lever transmission

6101200 Datasheet (PDF)

Go To PDF Page Download Datasheet
6101200 Datasheet PDF - KNIPEX

Part # 6101200
Download  6101200 Click to download

File Size   166.88 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Bolt End Cutting Nipper High lever transmission

6101200 Datasheet (HTML) - KNIPEX


6101200 Product details

General
Article No. 61 01 200
EAN 4003773033172
Pliers black atramentized
Head polished
Handles plastic coated
Weight 435 g
Dimensions 200 x 45 x 15 mm
Reach no
RohS no




Similar Part No. - 6101200

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
610120249121 WURTH-610120249121 Datasheet
853Kb / 3P
WR-PHD - 2.54MM PIN HEADER - SMT TYPE DOUBLE ROW RIGHT ANGLE
610120249221 WURTH-610120249221 Datasheet
446Kb / 7P
WR-PHD SMT Angled Dual Socket Header
001.002
More results


Similar Description - 6101200

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXES1UTAA1-157 MURATA-LXES1UTAA1-157 Datasheet
153Kb / 2P
High-speed Transmission Line
LXES2TBCC4-028 MURATA-LXES2TBCC4-028 Datasheet
155Kb / 2P
High-speed Transmission Line
LXES11DAA2-135 MURATA-LXES11DAA2-135 Datasheet
151Kb / 2P
High-speed Transmission Line
LXES21DAA4-136 MURATA-LXES21DAA4-136 Datasheet
154Kb / 2P
High-speed Transmission Line
LXES21DAA4-138 MURATA-LXES21DAA4-138 Datasheet
154Kb / 2P
High-speed Transmission Line
logo
Rosenberger Hochfrequen...
02W004-000 ROSENBERGER-02W004-000 Datasheet
35Kb / 1P
CUTTING BIT
logo
PHOENIX CONTACT
CUTFOX-62 PHOENIX-CUTFOX-62 Datasheet
48Kb / 2P
Superb cutting quality
logo
Harwin Plc
Z1022-00 HARWIN-Z1022-00 Datasheet
122Kb / 1P
HAND CUTTING TOOL
logo
TOKYO SEIMITSU CO., LTD
DS ACCRETECH-DS Datasheet
476Kb / 2P
Higher cutting ability, better cutting quality
logo
Weidmuller
9020000000 WEIDMULLER-9020000000 Datasheet
1Mb / 6P
Cutting, stripping and crimping tool, Crimping tool for wire-end ferrules
November 9, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com