Electronic Components Datasheet Search
  English  ▼

X  

BUY69A Datasheet (PDF) - Inchange Semiconductor Company Limited

BUY69A Datasheet PDF - Inchange Semiconductor Company Limited
Part # BUY69A
Download  BUY69A Download
File Size   366.22 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Transistor

BUY69A Datasheet (PDF)

Go To PDF Page Download Datasheet
BUY69A Datasheet PDF - Inchange Semiconductor Company Limited

Part # BUY69A
Download  BUY69A Click to download

File Size   366.22 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Transistor

BUY69A Datasheet (HTML) - Inchange Semiconductor Company Limited


BUY69A Product details

DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 400V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat):3.3V(Max) @IC= 8A
APPLICATIONS
· CTV horizontal deflection output
· High- voltage fast switching
· Industrial power switching




Similar Part No. - BUY69A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUY69A MOSPEC-BUY69A Datasheet
74Kb / 2P
POWER TRANSISTORS(10A,200-400V,100W)
logo
STMicroelectronics
BUY69A STMICROELECTRONICS-BUY69A Datasheet
29Kb / 4P
HIGH VOLTAGE NPN SILICON TRANSISTOR
Jun-1998
logo
Central Semiconductor C...
BUY69A CENTRAL-BUY69A Datasheet
53Kb / 1P
Power Transistors
logo
STMicroelectronics
BUY69A STMICROELECTRONICS-BUY69A Datasheet
44Kb / 4P
HIGH VOLTAGE NPN SILICON TRANSISTOR
Oct-2003
logo
Savantic, Inc.
BUY69A SAVANTIC-BUY69A Datasheet
112Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - BUY69A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N3583 ISC-2N3583 Datasheet
158Kb / 2P
isc Silicon NPN Power Transistor
2N6739 ISC-2N6739 Datasheet
202Kb / 2P
isc Silicon NPN Power Transistor
2SC937 ISC-2SC937 Datasheet
263Kb / 2P
isc Silicon NPN Power Transistor
2SC3198 ISC-2SC3198 Datasheet
214Kb / 2P
isc Silicon NPN Transistor
2SC1815 ISC-2SC1815 Datasheet
169Kb / 2P
isc Silicon NPN Transistor
2SC2120 ISC-2SC2120 Datasheet
168Kb / 2P
isc Silicon NPN Transistor
2SC1815 ISC-2SC1815_19 Datasheet
235Kb / 2P
isc Silicon NPN Transistor
MMBT3904 ISC-MMBT3904 Datasheet
262Kb / 2P
isc Silicon NPN Transistor
2SD965 ISC-2SD965 Datasheet
291Kb / 3P
isc NPN Silicon Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com