Electronic Components Datasheet Search
  English  ▼

X  

TXG1010 Datasheet (PDF) - Texas Instruments

TXG1010 Datasheet PDF - Texas Instruments
Part # TXG1010
Download  TXG1010 Download
File Size   1693.92 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXG1010 1-bit, ±10V Ground-level Translator

TXG1010 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXG1010 Datasheet PDF - Texas Instruments

Part # TXG1010
Download  TXG1010 Click to download

File Size   1693.92 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXG1010 1-bit, ±10V Ground-level Translator

TXG1010 Datasheet (HTML) - Texas Instruments


TXG1010 Product details

1 Features
• Supports DC shifts up to ±10V
• AC Noise Rejection of 20VPP up to 45MHz
• CMTI of 1kV/μs
• Low Prop Delay (<5ns)
• Greater than 175Mbps
• Low power consumption (0.6mA per channel at 1Mbps, 1.8V)
• Fully configurable dual-rail design allows each port to operate from 1.71V to 5.5V
• 4, 2, 1 channel devices with multiple configurations will be available
• Supports VCC disconnect feature (I/Os are forced into high-Z)
• Schmitt-trigger inputs allows for slow and noisy signals
• Inputs with integrated static pull-down resistors prevent channels from floating
• Operating temperature from –40°C to +125°C
• Latch-up performance exceeds 100mA per JESD 78, class II
– ESD protection exceeds JESD 22
– 4000V human-body model
– 500V charged-device model
• Package options provided:
– DSE (WSON-6)




Similar Part No. - TXG1010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXG1020 TI2-TXG1020 Datasheet
1Mb / 34P
TXG102x 2-bit, ±10V Ground-Level Translator
JUNE 2025
TXG1020 TI2-TXG1020 Datasheet
2Mb / 38P
TXG102x-Q1 2-bit, ±10V Ground-Level Translator
MAY 2025
TXG1020 TI2-TXG1020 Datasheet
1Mb / 40P
TXG102x 2-bit, ±10V Ground-Level Translator
REVISED NOVEMBER 2025
TXG1020 TI2-TXG1020 Datasheet
2Mb / 43P
TXG102x 2-bit, ±10V Ground-Level Translator
REVISED NOVEMBER 2025
TXG1020 TI2-TXG1020 Datasheet
3Mb / 44P
TXG102x-Q1 2-bit, ±10V Ground-Level Translator
REVISED MARCH 2026
More results


Similar Description - TXG1010

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
logo
Maxim Integrated Produc...
MAX14842 MAXIM-MAX14842 Datasheet
1Mb / 13P
6-Channel, Digital Ground-Level Translator
Rev 1; 3/11
logo
Texas Instruments
SN74AUP1T34 TI1-SN74AUP1T34 Datasheet
737Kb / 16P
1-Bit Unidirectional Voltage-Level Translator
logo
ON Semiconductor
NLSV1T34 ONSEMI-NLSV1T34_12 Datasheet
133Kb / 9P
1-Bit Dual-Supply Non-Inverting Level Translator
January, 2012 ??Rev. 8
NLSV1T240 ONSEMI-NLSV1T240_12 Datasheet
119Kb / 6P
1-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 4
logo
Texas Instruments
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
1-Bit Bidirectional Level-Shifting and Voltage Translator
SN74AUP1T34-Q1 TI1-SN74AUP1T34-Q1 Datasheet
831Kb / 18P
1-Bit Unidirectional Voltage-Level Translator
logo
ON Semiconductor
NLSV1T34 ONSEMI-NLSV1T34_V01 Datasheet
203Kb / 10P
1-Bit Dual-Supply Non-Inverting Level Translator
November, 2019 - Rev. 10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com