Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G3207BDBVR Datasheet (PDF) - Texas Instruments

SN74LVC1G3207BDBVR Datasheet PDF - Texas Instruments
Part # SN74LVC1G3207BDBVR
Download  SN74LVC1G3207BDBVR Download
File Size   1045.11 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G3207B Single 2-Input Positive-OR Gate with Open-Drain Outputs

SN74LVC1G3207BDBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G3207BDBVR Datasheet PDF - Texas Instruments

Part # SN74LVC1G3207BDBVR
Download  SN74LVC1G3207BDBVR Click to download

File Size   1045.11 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G3207B Single 2-Input Positive-OR Gate with Open-Drain Outputs

SN74LVC1G3207BDBVR Datasheet (HTML) - Texas Instruments


SN74LVC1G3207BDBVR Product details

1 Features
• Operating range from 1.1V to 5.5V
• Over-voltage tolerant inputs support up to 5.5V independent of VCC
• Open-drain outputs support 5.5V independent of VCC
• Supports partial-power-down with back drive protection (Ioff)
• High open-drain output drive strength:
– 32mA at 5V
– 24mA at 3.3V
– 8mA at 2.5V
– 4mA at 1.8V
• Maximum propagation delay of 3.8ns at 3.3V VCC; CL = 50pF
• Latch-up performance exceeds 100mA per JESD78




Similar Part No. - SN74LVC1G3207BDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
489Kb / 15P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
607Kb / 16P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI1-SN74LVC1G3208 Datasheet
813Kb / 15P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI2-SN74LVC1G3208 Datasheet
717Kb / 23P
Single 3-Input Positive OR-AND Gate
REVISED DECEMBER 2013
More results


Similar Description - SN74LVC1G3207BDBVR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A Datasheet
151Kb / 8P
Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
logo
Texas Instruments
SN54HC03 TI-SN54HC03 Datasheet
66Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74HC03 SLS-SL74HC03 Datasheet
35Kb / 5P
Quad 2-Input NAND Gate with Open-Drain Outputs
logo
Texas Instruments
SN54HC03 TI-SN54HC03_06 Datasheet
418Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
MC74HCO3A ONSEMI-MC74HCO3A Datasheet
154Kb / 8P
QUAD 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
March, 2000 ??Rev. 8
logo
Unisonic Technologies
U74LVC1G09 UTC-U74LVC1G09 Datasheet
183Kb / 5P
SINGLE 2-INPUT POSITIVE-AND GATE WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AUP1G09 DIODES-74AUP1G09 Datasheet
202Kb / 11P
SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
Rev 1
74AHC1G09 DIODES-74AHC1G09 Datasheet
335Kb / 9P
SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
Rev 2
74LVC2G38 DIODES-74LVC2G38 Datasheet
467Kb / 11P
DUAL 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
Rev 1
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A_13 Datasheet
133Kb / 8P
Quad 2-Input NAND Gate with Open-Drain Outputs
October, 2013 ??Rev. 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com