Electronic Components Datasheet Search
  English  ▼

X  

AWR2188 Datasheet (PDF) - Texas Instruments

AWR2188 Datasheet PDF - Texas Instruments
Part # AWR2188_V02
Download  AWR2188 Download
File Size   725.67 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package

AWR2188 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWR2188 Datasheet PDF - Texas Instruments

Part # AWR2188_V02
Download  AWR2188 Click to download

File Size   725.67 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package

AWR2188 Datasheet (HTML) - Texas Instruments


AWR2188 Product details

1 Features
• FMCW transceiver
– Integrated PLL, transmitter, receiver, baseband, and ADC
– 76-81GHz operation with up to 4.5GHz continuous chirp bandwidth
– Eight receive channels
– Eight transmit channels
– Ultra-accurate chirp engine based on Fractional-N PLL
– TX power: 13dBm
– RX noise figure: 11dB
– Supports P1dB up to -6.5dBm
– Industry leading 8 transmitter, 8 receiver radar front end with 2.8W power consumption
– Supports less than 3 μs chirp idle time for excellent max velocity measurements
– Maximum chirp slope of 266MHz/μs to enable rapid high-bandwidth measurements
– ADC Sample rate up to 66.67 Msps for exceptional instrumentation range distance
• Built-in calibration and self-test
– Built-in firmware (ROM)
– Self-calibrating system across process and temperature
• Host interface
– Control interface with external processor over SPI or I2C interface
– Data interface with external processor over MIPI D-PHY and CSI2 v1.2
– Interrupts for Fault Reporting
• Functional Safety-Compliant targeted
– Developed for functional safety applications
– Documentation available to aid ISO 26262 functional safety system design
– Systematic capability up to ASIL-D targeted
– Hardware capability up to ASIL-B targeted
– Safety-related certification
• ISO 26262 certification by TUV planned




Similar Part No. - AWR2188_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWR2188 TI2-AWR2188_V01 Datasheet
721Kb / 14P
AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
REVISED MARCH 2026
More results


Similar Description - AWR2188_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
IWR1443 TI1-IWR1443 Datasheet
1Mb / 72P
Single Chip 76- to 81-GHz mmWave Sensor
IWR1642 TI1-IWR1642 Datasheet
908Kb / 77P
Single-Chip 76- to 81-GHz mmWave Sensor
IWR1642 TI1-IWR1642_18 Datasheet
920Kb / 83P
Single-Chip 76- to 81-GHz mmWave Sensor
IWR1443 TI1-IWR1443_18 Datasheet
822Kb / 71P
Single-Chip 76- to 81-GHz mmWave Sensor
IWR1443_1811 TI1-IWR1443_1811 Datasheet
971Kb / 76P
Single-Chip 76- to 81-GHz mmWave Sensor
IWR1843 TI1-IWR1843 Datasheet
2Mb / 83P
IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
AWR2243 TI1-AWR2243 Datasheet
1Mb / 59P
AWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
AWR2243 TI-AWR2243_V01 Datasheet
3Mb / 62P
AWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
logo
NXP Semiconductors
TEF810X NXP-TEF810X Datasheet
972Kb / 13P
76 GHz to 81 GHz car RADAR transceiver
Rev. 1.0-10 May 2019
logo
Texas Instruments
IWR2243 TI1-IWR2243 Datasheet
3Mb / 63P
IWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com