Electronic Components Datasheet Search
  English  ▼

X  

2502160 Datasheet (PDF) - KNIPEX

2502160 Datasheet PDF - KNIPEX
Part # 2502160
Download  2502160 Download
File Size   182.5 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Snipe Nose Side Cutting Pliers (Radio Pliers)

2502160 Datasheet (PDF)

Go To PDF Page Download Datasheet
2502160 Datasheet PDF - KNIPEX

Part # 2502160
Download  2502160 Click to download

File Size   182.5 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Snipe Nose Side Cutting Pliers (Radio Pliers)

2502160 Datasheet (HTML) - KNIPEX


2502160 Product details

General
Article No. 25 02 160
EAN 4003773023166
Pliers black atramentized
Head polished
Handles with multi-component grips
Weight 144 g
Dimensions 160 x 55 x 19 mm
Standard DIN ISO 5745
Reach no
RohS no




Similar Part No. - 2502160

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250210B ITF-250210B Datasheet
187Kb / 5P
SAW Bandpass Filter
2008-06-26
250211B ITF-250211B Datasheet
182Kb / 5P
SAW Bandpass Filter
2008-11-13
logo
Turck, Inc.
2502124 TURCK-2502124 Datasheet
254Kb / 3P
Capacitive Sensor
11/07/2023
2502125 TURCK-2502125 Datasheet
265Kb / 3P
Capacitive Sensor
11/07/2023
2502126 TURCK-2502126 Datasheet
265Kb / 3P
Capacitive Sensor
11/07/2023
More results


Similar Description - 2502160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
26703 ETC2-26703 Datasheet
394Kb / 5P
Combination pliers Basic
32919 ETC2-32919 Datasheet
199Kb / 1P
Wiha ComfortGrip Pliers
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com