Electronic Components Datasheet Search
  English  ▼

X  

2205140 Datasheet (PDF) - KNIPEX

2205140 Datasheet PDF - KNIPEX
Part # 2205140
Download  2205140 Download
File Size   127.62 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Round Nose Pliers

2205140 Datasheet (PDF)

Go To PDF Page Download Datasheet
2205140 Datasheet PDF - KNIPEX

Part # 2205140
Download  2205140 Click to download

File Size   127.62 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Round Nose Pliers

2205140 Datasheet (HTML) - KNIPEX


2205140 Product details

General
Article No. 22 05 140
EAN 4003773042891
Pliers chrome-plated
Head chrome-plated
Handles with multi-component grips
Weight 127 g
Dimensions 140 x 58 x 18 mm
Standard DIN ISO 5745
Reach no
RohS no




Similar Part No. - 2205140

ManufacturerPart #DatasheetDescription
logo
Littelfuse
22051.25P LITTELFUSE-22051.25P Datasheet
106Kb / 1P
Axial Lead and Cartridge Fuses
More results


Similar Description - 2205140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LGP730B-45CN ETC-LGP730B-45CN Datasheet
104Kb / 1P
NOSE ASSEMBLY
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
10334 ETC2-10334 Datasheet
46Kb / 1P
Item 10334, Technik 6" Round Nose
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
UNIFOX-F-VDE PHOENIX-UNIFOX-F-VDE Datasheet
52Kb / 2P
Flat-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-P-VDE PHOENIX-UNIFOX-P-VDE Datasheet
50Kb / 2P
Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-R-VDE PHOENIX-UNIFOX-R-VDE Datasheet
48Kb / 3P
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com