Electronic Components Datasheet Search
  English  ▼

X  

1511120 Datasheet (PDF) - KNIPEX

1511120 Datasheet PDF - KNIPEX
Part # 1511120
Download  1511120 Download
File Size   97.17 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Stripping Tweezers for coated wire

1511120 Datasheet (PDF)

Go To PDF Page Download Datasheet
1511120 Datasheet PDF - KNIPEX

Part # 1511120
Download  1511120 Click to download

File Size   97.17 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Stripping Tweezers for coated wire

1511120 Datasheet (HTML) - KNIPEX


1511120 Product details

General
Article No. 15 11 120
EAN 4003773015550
Material steel
Weight 34 g
Dimensions 125 x 10 x 40 mm
Reach no
RohS no




Similar Part No. - 1511120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15111 ETC2-15111 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
logo
Multicomp Pro
15111 MULTICOMP-15111 Datasheet
211Kb / 3P
Normal Wall Tubing (2X) Flexible, Halogen Free, Polyolefin, Heat Shrink
23/09/22 V1.0
logo
Turck, Inc.
1511101 TURCK-1511101 Datasheet
232Kb / 2P
Inductive Sensor – With Increased Switching Distance
11/07/2023
logo
Weidmuller
1511160000 WEIDMULLER-1511160000 Datasheet
92Kb / 4P
SL 5.08/13/90B3.2SN OR
1511160000 WEIDMULLER-1511160000 Datasheet
92Kb / 4P
SL 5.08/5/90B3.2SN OR
More results


Similar Description - 1511120

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
WF-1000-CJ PHOENIX-WF-1000-CJ Datasheet
54Kb / 2P
Replacement jaws for stripping machine
WF-1000-COV PHOENIX-WF-1000-COV Datasheet
53Kb / 2P
Waste holder for stripping machine
WIREFOX-D-16 PHOENIX-WIREFOX-D-16 Datasheet
51Kb / 2P
Stripping tool, for stripping lines (specially for fiber optics lines) of 횠 4 - 16 mm
WIREFOX-D-28 PHOENIX-WIREFOX-D-28 Datasheet
51Kb / 3P
Stripping tool, for stripping lines of 횠 8 - 28 mm
1657407 PHOENIX-1657407 Datasheet
48Kb / 2P
Stripping tool, for the multi-level stripping of shielded cables
logo
Weidmuller
9020000000 WEIDMULLER-9020000000 Datasheet
1Mb / 6P
Cutting, stripping and crimping tool, Crimping tool for wire-end ferrules
November 9, 2021
logo
Molex Electronics Ltd.
0638170000 MOLEX-0638170000 Datasheet
40Kb / 1P
Hand Wire Stripping Tool for 8-34 AWG Wire with 1.00mm Max Insulation Thickness
08/26/2022
logo
IDEAL-TEK SA
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
Diamond coated Tweezers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com