Electronic Components Datasheet Search
  English  ▼

X  

1285110SB Datasheet (PDF) - KNIPEX

1285110SB Datasheet PDF - KNIPEX
Part # 1285110SB
Download  1285110SB Download
File Size   172.44 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Stripping tool for fibre optics cable

1285110SB Datasheet (PDF)

Go To PDF Page Download Datasheet
1285110SB Datasheet PDF - KNIPEX

Part # 1285110SB
Download  1285110SB Click to download

File Size   172.44 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Stripping tool for fibre optics cable

1285110SB Datasheet (HTML) - KNIPEX


1285110SB Product details

General
Article No. 12 85 110 SB
EAN 4003773287872
Weight 83 g
Dimensions 190 x 86 x 23 mm
REACH compliant does not contain SVHC
RoHS compliant not applicable




Similar Part No. - 1285110SB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12851 ETC2-12851 Datasheet
259Kb / 1P
Wiha Insulated 1/4 Sockets & Sets
logo
Heyco.
12851 HEYCO-12851 Datasheet
91Kb / 1P
Stainless Steel Cable Ties
12851 HEYCO-12851 Datasheet
88Kb / 1P
Stainless Steel Cable Ties
12851 HEYCO-12851 Datasheet
89Kb / 1P
Stainless Steel Cable Ties
logo
Evolt
12851 EKTOR-12851 Datasheet
111Kb / 1P
SMART DRIVER CONSTANT CURRENT
31st of January 2025 07:13:12
More results


Similar Description - 1285110SB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGT01SCM060 ETC2-FGT01SCM060 Datasheet
46Kb / 2P
Photoelectrics Fibre Optics, Glass
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
60W110-C08 ROSENBERGER-60W110-C08 Datasheet
50Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
WIREFOX-D-16 PHOENIX-WIREFOX-D-16 Datasheet
51Kb / 2P
Stripping tool, for stripping lines (specially for fiber optics lines) of 횠 4 - 16 mm
1657407 PHOENIX-1657407 Datasheet
48Kb / 2P
Stripping tool, for the multi-level stripping of shielded cables
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
logo
Molex Electronics Ltd.
ATS-638170300 MOLEX-ATS-638170300 Datasheet
384Kb / 3P
Heavy Duty Cable Stripping Tool
01-24-12
0735752052 MOLEX-0735752052 Datasheet
26Kb / 1P
Stripping Tool for 1/2F Cable, Flared Tool
08/25/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com