Electronic Components Datasheet Search
  English  ▼

X  

2N6277 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N6277 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N6277
Download  2N6277 Download
File Size   395.51 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Transistor

2N6277 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6277 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N6277
Download  2N6277 Click to download

File Size   395.51 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Transistor

2N6277 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N6277 Product details

DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 150V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat):1.0V(Max) @IC= 20A
APPLICATIONS
· High- current switching
· Motor drives
· Power amplifiers




Similar Part No. - 2N6277

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6277 ONSEMI-2N6277 Datasheet
169Kb / 6P
POWER TRANSISTORS NPN SILICON
1995 REV 7
logo
Microsemi Corporation
2N6277 MICROSEMI-2N6277 Datasheet
64Kb / 2P
PNP POWER SILICON TRANSISTOR
2N6277 MICROSEMI-2N6277 Datasheet
125Kb / 3P
NPN POWER SILICON TRANSISTOR
logo
Seme LAB
2N6277 SEME-LAB-2N6277 Datasheet
202Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6277 NJSEMI-2N6277 Datasheet
248Kb / 2P
HIGH-POWER NPN SILICON TRANSISTORS
More results


Similar Description - 2N6277

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N3583 ISC-2N3583 Datasheet
158Kb / 2P
isc Silicon NPN Power Transistor
2N6739 ISC-2N6739 Datasheet
202Kb / 2P
isc Silicon NPN Power Transistor
2SC937 ISC-2SC937 Datasheet
263Kb / 2P
isc Silicon NPN Power Transistor
2SC3198 ISC-2SC3198 Datasheet
214Kb / 2P
isc Silicon NPN Transistor
2SC1815 ISC-2SC1815 Datasheet
169Kb / 2P
isc Silicon NPN Transistor
2SC2120 ISC-2SC2120 Datasheet
168Kb / 2P
isc Silicon NPN Transistor
2SC1815 ISC-2SC1815_19 Datasheet
235Kb / 2P
isc Silicon NPN Transistor
MMBT3904 ISC-MMBT3904 Datasheet
262Kb / 2P
isc Silicon NPN Transistor
2SD965 ISC-2SD965 Datasheet
291Kb / 3P
isc NPN Silicon Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com