Electronic Components Datasheet Search
  English  ▼

X  

121912 Datasheet (PDF) - KNIPEX

121912 Datasheet PDF - KNIPEX
Part # 121912
Download  121912 Download
File Size   105.74 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description 1 set of spare blades for 12 12 12

121912 Datasheet (PDF)

Go To PDF Page Download Datasheet
121912 Datasheet PDF - KNIPEX

Part # 121912
Download  121912 Click to download

File Size   105.74 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description 1 set of spare blades for 12 12 12

121912 Datasheet (HTML) - KNIPEX


121912 Product details

General
Article No. 12 19 12
EAN 4003773073765
Weight 42 g
Dimensions 25 x 5 mm
Reach yes
RohS no




Similar Part No. - 121912

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
121912C ALPHAWIRE-121912C Datasheet
99Kb / 4P
Customer Specification
8/30/2022
121912C ALPHAWIRE-121912C Datasheet
98Kb / 4P
Customer Specification
12/2/2022
121912C ALPHAWIRE-121912C_V01 Datasheet
98Kb / 4P
Customer Specification
12/2/2022
More results


Similar Description - 121912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16214 TI-SN74CBT16214 Datasheet
78Kb / 5P
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_07 Datasheet
283Kb / 10P
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_08 Datasheet
313Kb / 10P
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
logo
List of Unclassifed Man...
AA47R ETC2-AA47R Datasheet
24Kb / 1P
305mm (12") Hacksaw Blades
logo
NXP Semiconductors
CBT16292 PHILIPS-CBT16292_15 Datasheet
90Kb / 11P
12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02-18 April 2008
logo
PHOENIX CONTACT
1727117 PHOENIX-1727117 Datasheet
138Kb / 5P
MKDS 1/12-3,81
1767782 PHOENIX-1767782 Datasheet
110Kb / 5P
MSTB 2,5/12-ST-5,08 BD: 1-12
logo
Adlink Technology Inc.
CPCIS-3300BLS ADLINK-CPCIS-3300BLS Datasheet
310Kb / 3P
9U Blade Server for 12 Blades with Dual Fabric Switch Slots
logo
FIBOX Enclosing innovat...
8612265 FIBOX-8612265 Datasheet
42Kb / 1P
12" Mounting Flange Set
18.07.2023
logo
Nexperia B.V. All right...
CBT16292 NEXPERIA-CBT16292 Datasheet
193Kb / 12P
12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02 - 18 April 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com