Electronic Components Datasheet Search
  English  ▼

X  

0206180 Datasheet (PDF) - KNIPEX

0206180 Datasheet PDF - KNIPEX
Part # 0206180
Download  0206180 Download
File Size   257.78 Kbytes
Page   3 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description High Leverage Combination Pliers

0206180 Datasheet (PDF)

Go To PDF Page Download Datasheet
0206180 Datasheet PDF - KNIPEX

Part # 0206180
Download  0206180 Click to download

File Size   257.78 Kbytes
Page   3 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description High Leverage Combination Pliers

0206180 Datasheet (HTML) - KNIPEX


0206180 Product details

General
Article No. 02 06 180
EAN 4003773010012
Pliers chrome-plated
Head chrome-plated
Handles insulated with multi-component grips, VDE-tested
Weight 247 g
Dimensions 180 x 56 x 20 mm
Standard DIN ISO 5746 DIN EN 60900 IEC 60900
Reach no
RohS no




Similar Part No. - 0206180

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
3.3 or 5 Volt Laser Driver
logo
Molex Electronics Ltd.
02061101 MOLEX-02061101 Datasheet
69Kb / 7P
ServiceGrade Hand Crimp Tool for Field Repair Only, 24-14 AWG
Jun 04, 2025
02061101 MOLEX-02061101 Datasheet
87Kb / 5P
Hand Crimp Tool for Standard 1.57mm Pin and Socket Crimp Terminals, 24-18 AWG
Jun 05, 2025
02061101 MOLEX-02061101 Datasheet
65Kb / 6P
Insertion Tool for Standard .062" Diameter Male and Female Terminals
Jun 24, 2025
02061103 MOLEX-02061103 Datasheet
69Kb / 7P
ServiceGrade Hand Crimp Tool for Field Repair Only, 24-14 AWG
Jun 04, 2025
More results


Similar Description - 0206180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
26703 ETC2-26703 Datasheet
394Kb / 5P
Combination pliers Basic
32919 ETC2-32919 Datasheet
199Kb / 1P
Wiha ComfortGrip Pliers
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
UNIFOX-C-VDE-M PHOENIX-UNIFOX-C-VDE-M Datasheet
53Kb / 2P
UNIFOX ... VDE-insulated combination pliers in straight and angled versions
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
1212490 PHOENIX-1212490 Datasheet
49Kb / 2P
Pointed pliers - MICROFOX-R
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com