Electronic Components Datasheet Search
  English  ▼

X  

BYT52D Datasheet (PDF) - VoltarisTech Inc

BYT52D Datasheet PDF - VoltarisTech Inc
Part # BYT52D
Download  BYT52D Download
File Size   310.46 Kbytes
Page   2 Pages
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc
Description SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER

BYT52D Datasheet (PDF)

Go To PDF Page Download Datasheet
BYT52D Datasheet PDF - VoltarisTech Inc

Part # BYT52D
Download  BYT52D Click to download

File Size   310.46 Kbytes
Page   2 Pages
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc
Description SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER

BYT52D Datasheet (HTML) - VoltarisTech Inc


BYT52D Product details

[Features]
Glass passivated junction
Hermetically sealed package
Low reverse current
Soft recovery characteristics




Similar Part No. - BYT52D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT52D VISHAY-BYT52D Datasheet
42Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
logo
Galaxy Semi-Conductor H...
BYT52D BILIN-BYT52D Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
BYT52D EIC-BYT52D Datasheet
43Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYT52D VISHAY-BYT52D Datasheet
114Kb / 4P
Fast Avalanche Sinterglass Diode
30-Jul-10
logo
Diode Semiconductor Kor...
BYT52D DSK-BYT52D Datasheet
266Kb / 2P
FAST RECOVERY RECTIFIERS
More results


Similar Description - BYT52D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY268 GULFSEMI-BY268 Datasheet
133Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE:1400 CURRENT: 0.8A
BYM26D GULFSEMI-BYM26D Datasheet
67Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 2.3A
BYM26G GULFSEMI-BYM26G Datasheet
72Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1400V CURRENT: 2.3A
BYV36C GULFSEMI-BYV36C Datasheet
82Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 1.6A
BYV95A GULFSEMI-BYV95A Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.5A
BYW178 GULFSEMI-BYW178 Datasheet
71Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 3.0A
logo
Shenzhen Luguang Electr...
BYM26C LUGUANG-BYM26C Datasheet
255Kb / 2P
Sintered Glass Junction ,Ultrafast Avalanche Rectifier
BYT54M LUGUANG-BYT54M Datasheet
238Kb / 2P
Sintered Glass Junction Fast Avalanche Rectifier
BYW96E LUGUANG-BYW96E Datasheet
145Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER
logo
SUNMATE electronic Co.,...
BY228 SUNMATE-BY228 Datasheet
350Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com