Electronic Components Datasheet Search
  English  ▼

X  

BYG10Y Datasheet (PDF) - VoltarisTech Inc

BYG10Y Datasheet PDF - VoltarisTech Inc
Part # BYG10Y
Download  BYG10Y Download
File Size   365.45 Kbytes
Page   2 Pages
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc
Description SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER

BYG10Y Datasheet (PDF)

Go To PDF Page Download Datasheet
BYG10Y Datasheet PDF - VoltarisTech Inc

Part # BYG10Y
Download  BYG10Y Click to download

File Size   365.45 Kbytes
Page   2 Pages
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc
Description SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER

BYG10Y Datasheet (HTML) - VoltarisTech Inc


BYG10Y Product details

[Features]
For surface mounted application
High temperature metallurgic ally bonded
Sintered glass junction
Capability of meeting environmental standard of MIL-S-19500
High temperature soldering guaranteed
450℃/10sec/at terminal/complete device
Submersible temperature of 265℃ for 10sec




Similar Part No. - BYG10Y

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYG10Y GULFSEMI-BYG10Y Datasheet
140Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?600 V CURRENT竊?1.5A
logo
Vishay Siliconix
BYG10Y VISHAY-BYG10Y Datasheet
106Kb / 5P
Standard Avalanche SMD Rectifier
03-Jun-09
logo
Shenzhen Luguang Electr...
BYG10Y LUGUANG-BYG10Y Datasheet
1Mb / 4P
Low profile package
logo
Vishay Siliconix
BYG10Y VISHAY-BYG10Y Datasheet
91Kb / 5P
Standard Avalanche SMD Rectifier
15-Jan-14
BYG10Y VISHAY-BYG10Y Datasheet
106Kb / 5P
Standard Avalanche SMD Rectifier
21-Feb-2020
More results


Similar Description - BYG10Y

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30A ZOWIE-GP30A Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP60A ZOWIE-GP60A Datasheet
58Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
Gulf Semiconductor
ERB12JGP GULFSEMI-ERB12JGP Datasheet
156Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
SBYD17D GULFSEMI-SBYD17D Datasheet
151Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SBYT42M GULFSEMI-SBYT42M Datasheet
75Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE: 1000V CURRENT: 1.25A
SR1D-E GULFSEMI-SR1D-E Datasheet
161Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SS1Q GULFSEMI-SS1Q Datasheet
174Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
SS1T GULFSEMI-SS1T Datasheet
169Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?300V CURRENT竊?1.0A
logo
Zowie Technology Corpor...
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com