Electronic Components Datasheet Search
  English  ▼

X  

AMESP200-24S277NZ. Datasheet (PDF) - AIMTEC

AMESP200-24S277NZ. Datasheet PDF - AIMTEC
Part # AMESP200-24S277NZ.
Download  AMESP200-24S277NZ. Download
File Size   1229.65 Kbytes
Page   6 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description AC-DC Converter

AMESP200-24S277NZ. Datasheet (PDF)

Go To PDF Page Download Datasheet
AMESP200-24S277NZ. Datasheet PDF - AIMTEC

Part # AMESP200-24S277NZ.
Download  AMESP200-24S277NZ. Click to download

File Size   1229.65 Kbytes
Page   6 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description AC-DC Converter

AMESP200-24S277NZ. Datasheet (HTML) - AIMTEC


AMESP200-24S277NZ. Product details

Features
Universal Input: 85 - 305VAC/120 - 430VDC
Operating Temp: -30 °C to +70 °C
PFC > 0.95
High isolation voltage: Up to 4000VAC
Low ripple & noise, 240mV(p-p) typ.
Output short circuit, over-current, over-voltage
and over temperature protection
Regulated Output
Optional conformal coating
Active power factor correction




Similar Part No. - AMESP200-24S277NZ.

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMESP100-12S277NZ AIMTEC-AMESP100-12S277NZ Datasheet
487Kb / 5P
AC-DC Converter
Rev: 03/21/A
AMESP100-15S277NZ AIMTEC-AMESP100-15S277NZ Datasheet
487Kb / 5P
AC-DC Converter
Rev: 03/21/A
AMESP100-24S277NZ AIMTEC-AMESP100-24S277NZ Datasheet
487Kb / 5P
AC-DC Converter
Rev: 03/21/A
AMESP100-277NZ AIMTEC-AMESP100-277NZ Datasheet
487Kb / 5P
AC-DC Converter
Rev: 03/21/A
AMESP100-48S277NZ AIMTEC-AMESP100-48S277NZ Datasheet
487Kb / 5P
AC-DC Converter
Rev: 03/21/A
More results


Similar Description - AMESP200-24S277NZ.

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
AC/DC converter
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
ac-dc converter
logo
Rohm
BP5716 ROHM-BP5716 Datasheet
509Kb / 4P
AC/DC converter
BP5081B15 ROHM-BP5081B15 Datasheet
497Kb / 3P
AC/DC converter
logo
MORNSUN Science& Techno...
LH25-10B18 MORNSUN-LH25-10B18 Datasheet
253Kb / 2P
AC-DC CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
AC-DC / DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com