Electronic Components Datasheet Search
  English  ▼

X  

853S006AGILF Datasheet (PDF) - Renesas Technology Corp

853S006AGILF Datasheet PDF - Renesas Technology Corp
Part # 853S006AGILF
Download  853S006AGILF Download
File Size   677.93 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-6, Differential-to- 2.5V, 3.3V LVPECL/ECL Fanout Buffer

853S006AGILF Datasheet (PDF)

Go To PDF Page Download Datasheet
853S006AGILF Datasheet PDF - Renesas Technology Corp

Part # 853S006AGILF
Download  853S006AGILF Click to download

File Size   677.93 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-6, Differential-to- 2.5V, 3.3V LVPECL/ECL Fanout Buffer

853S006AGILF Datasheet (HTML) - Renesas Technology Corp


853S006AGILF Product details

• Six differential 2.5V, 3.3V LVPECL/ECL outputs
• One differential PCLK, nPCLK input pair
• PCLK, nPCLK pair can accept the following
differential input levels: LVPECL, LVDS, CML
• Maximum output frequency: 2GHz
• Output skew: 50ps (max)
• Part-to-part skew: 230ps (max)
• Propagation delay: 550ps (max)
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -2.375V to -3.465V
• -40°C to 85°C ambient operating temperature
• Available lead-free (RoHS 6) package




Similar Part No. - 853S006AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S004AKILF IDT-853S004AKILF Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
853S004AKILF IDT-853S004AKILF Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
853S004AKILFT IDT-853S004AKILFT Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
853S004AKILFT IDT-853S004AKILFT Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
853S004I IDT-853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
More results


Similar Description - 853S006AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853031 ICST-ICS853031 Datasheet
241Kb / 19P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B SEPTEMBER 16, 2004
ICS853014 ICST-ICS853014 Datasheet
470Kb / 17P
LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
REV. C MAY 13, 2005
ICS85310I-11 ICST-ICS85310I-11 Datasheet
190Kb / 16P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. E JULY 7, 2005
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
logo
Integrated Device Techn...
ICS853014 IDT-ICS853014 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
853S011BMILF IDT-853S011BMILF Datasheet
830Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
IDT8T33FS314I RENESAS-IDT8T33FS314I Datasheet
933Kb / 25P
Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com