Electronic Components Datasheet Search
  English  ▼

X  

ST6011 Datasheet (PDF) - Infinite Electronics International, Inc.

ST6011 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST6011
Download  ST6011 Download
File Size   291.34 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description MCX Plug (Male) Termination (Load) 1 Watts to 6 GHz, Gold Plated Beryllium Copper, 1.3 VSWR

ST6011 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST6011 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST6011
Download  ST6011 Click to download

File Size   291.34 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description MCX Plug (Male) Termination (Load) 1 Watts to 6 GHz, Gold Plated Beryllium Copper, 1.3 VSWR

ST6011 Datasheet (HTML) - Infinite Electronics International, Inc.


ST6011 Product details

Features
• DC to 6 GHz Frequency Range
• VSWR 1.3:1 Max
• Max Power 1 Watt (CW)
• MCX Plug Coaxial Interface
• Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military Communication
• Description
• RF termination (also called RF load or dummy load) ST6011 from Fairview Microwave operates from DC to 6 GHz and handles up to 1 Watt
• (CW). This MCX termination (or load) has a plug connection type. ST6011 MCX load termination offers 1.3:1 max VSWR.
• RF terminations / loads are critical passive components in many RF, microwave and millimeter wave systems where signal reflection from
• unused ports can reduce the signal integrity and can potentially damage the device. By terminating an unused port with a matched load
• (dummy load), the incident energy will be absorbed with minimal reflection. These radio frequency termination components are commonly
• used to terminate devices such as couplers, circulators, and switches. Loads / terminations are also widely used in measurement systems to
• ensure accurate results. Fairview offers a large selection of in-stock RF, microwave and millimeter wave terminations up to 65 GHz with great
• performance over the entire operating range and with power handling capabilities up to 800 Watts (CW).




Similar Part No. - ST6011

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
ST601 KODENSHI-ST601 Datasheet
127Kb / 2P
Small and surface mount package
logo
Microsemi Corporation
ST60100 MICROSEMI-ST60100 Datasheet
161Kb / 3P
Silicon Dual Power Rectifier
logo
New Jersey Semi-Conduct...
ST60100 NJSEMI-ST60100 Datasheet
118Kb / 1P
Silicon Dual Power Rectifier
logo
Microsemi Corporation
ST60100A MICROSEMI-ST60100A Datasheet
178Kb / 3P
Silicon Dual Power Rectifier
logo
Sangdest Microelectroni...
ST60100C SMC-ST60100C Datasheet
163Kb / 7P
SCHOTTKY RECTIFIER
More results


Similar Description - ST6011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6181 PASTERNACK-PE6181 Datasheet
218Kb / 3P
50 Ohm 0.25 Watts Beryllium Copper SMP Female RF Load Up To 26.5 GHz
PE6182 PASTERNACK-PE6182 Datasheet
219Kb / 3P
50 Ohm 0.25 Watts Beryllium Copper Mini SMP Female RF Load Up To 40 GHz
PE6183 PASTERNACK-PE6183 Datasheet
244Kb / 3P
50 Ohm 0.5 Watts Beryllium Copper SMP Female RF Load Up To 18 GHz
PE6199 PASTERNACK-PE6199 Datasheet
238Kb / 2P
50 Ohm 1 Watts Gold Plated Brass MMCX Male RF Load Up To 6 GHz
PE6163 PASTERNACK-PE6163_16 Datasheet
418Kb / 3P
0.5 Watt RF Load Up to 40 GHz With Mini SMP Male Input Gold Plated Beryllium Copper
PE6181 PASTERNACK-PE6181_17 Datasheet
354Kb / 3P
SMP Female Input Gold Plated Beryllium Copper
PE6182 PASTERNACK-PE6182_16 Datasheet
423Kb / 3P
Mini SMP Female Input Gold Plated Beryllium Copper
PE6183 PASTERNACK-PE6183_16 Datasheet
421Kb / 3P
0.5 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Beryllium Copper
PE6184 PASTERNACK-PE6184_16 Datasheet
420Kb / 3P
0.25 Watt RF Load Up to 18 GHz With Mini SMP Female Input Gold Plated Beryllium Copper
PE6199 PASTERNACK-PE6199_16 Datasheet
419Kb / 3P
1 Watt RF Load Up to 6 GHz With MMCX Male Input Gold Plated Brass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com