Electronic Components Datasheet Search
  English  ▼

X  

ST18N530 Datasheet (PDF) - Infinite Electronics International, Inc.

ST18N530 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST18N530
Download  ST18N530 Download
File Size   460.46 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 5 Watts To 18 GHz Black Anodized Alumi­ num Heatsink N Male

ST18N530 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST18N530 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST18N530
Download  ST18N530 Click to download

File Size   460.46 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 5 Watts To 18 GHz Black Anodized Alumi­ num Heatsink N Male

ST18N530 Datasheet (HTML) - Infinite Electronics International, Inc.


ST18N530 Product details

Features
• DC to 18 GHz Frequency Range
• VSWR 1.4:1 Max
• Max Power 5 Watts (CW)
• N Male Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - ST18N530

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST18N531 FAIRVIEW-ST18N531 Datasheet
36Kb / 1P
Ø0.126" A (3.2) TERMINATION N/MALE 18 GHZ 5 WATTS FAIRVIEW MICROWAVE INC.
REV A
ST18N532 FAIRVIEW-ST18N532 Datasheet
476Kb / 3P
RF Load 10 Watts To 18 GHz With Chain N Male
REV 1.2
More results


Similar Description - ST18N530

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6185 PASTERNACK-PE6185 Datasheet
234Kb / 3P
50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz
PE6095 PASTERNACK-PE6095_16 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With SMA Male Input Black Anodized Aluminum Heatsink
PE6096 PASTERNACK-PE6096_16 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With SMA Female Input Black Anodized Aluminum Heatsink
PE6097 PASTERNACK-PE6097_16 Datasheet
427Kb / 3P
5 Watt RF Load Up to 18 GHz With N Male Input Black Anodized Aluminum Heatsink
PE6098 PASTERNACK-PE6098_16 Datasheet
424Kb / 3P
5 Watt RF Load Up to 18 GHz With N Female Input Black Anodized Aluminum Heatsink
PE6099 PASTERNACK-PE6099_16 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With TNC Male Input Black Anodized Aluminum Heatsink
PE6104 PASTERNACK-PE6104_16 Datasheet
429Kb / 4P
10 Watt RF Load Up to 18 GHz With TNC Male Input Black Anodized Aluminum Heatsink
PE6106 PASTERNACK-PE6106_16 Datasheet
436Kb / 4P
25 Watt RF Load Up to 18 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink
PE6138 PASTERNACK-PE6138_16 Datasheet
426Kb / 3P
5 Watt RF Load Up to 18 GHz With TNC Female Input Black Anodized Aluminum Heatsink
PE6198 PASTERNACK-PE6198_16 Datasheet
443Kb / 4P
50 Watt RF Load Up to 18 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com