Electronic Components Datasheet Search
  English  ▼

X  

LM79XX Datasheet (PDF) - TAITRON Components Incorporated

LM79XX Datasheet PDF - TAITRON Components Incorporated
Part # LM79XX
Download  LM79XX Download
File Size   444.38 Kbytes
Page   19 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1A Standard Negative Voltage Regulator

LM79XX Datasheet (PDF)

Go To PDF Page Download Datasheet
LM79XX Datasheet PDF - TAITRON Components Incorporated

Part # LM79XX
Download  LM79XX Click to download

File Size   444.38 Kbytes
Page   19 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1A Standard Negative Voltage Regulator

LM79XX Datasheet (HTML) - TAITRON Components Incorporated


LM79XX Product details

General Description
• The LM79XX series is three terminal standard negative voltage
regulator designed for a wide range of applications that required
supply current up to 1A.
• The LM79XX series is available in 11 fixed output voltage: -5V,
-6V, -7V, -8V, -9V, -12V, -15V, -18V, -20V and -24V.
• The LM79XX series provides internal current limiting, thermal
shut-down and safe-area protection which make it essentially
indestructible.
• The LM79XX series is available in TO-252, TO-220F packages.

Features
• Output current up to 1A
• Overload shutdown protection
• Short circuit limiting
• RoHS compliant

Applications
• Linear Regulator
• CMOS
• TTL
• IC Power Supply




Similar Part No. - LM79XX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM79XX NSC-LM79XX Datasheet
167Kb / 10P
LM79XX Series 3-Terminal Negative Regulators
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
194Kb / 15P
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LM79XX ETC-LM79XX Datasheet
50Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
117Kb / 15P
FIXED VOLTAGE REGULATOR (NEGATIVE)
LM79XX FAIRCHILD-LM79XX Datasheet
119Kb / 18P
3-Terminal 1A Negative Voltage Regulator
More results


Similar Description - LM79XX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
3-Terminal 1A Negative Voltage Regulator
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
3-Terminal 1A Negative Voltage Regulator
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com