Electronic Components Datasheet Search
  English  ▼

X  

ST0421 Datasheet (PDF) - Infinite Electronics International, Inc.

ST0421 Datasheet PDF - Infinite Electronics International, Inc.
Part # ST0421
Download  ST0421 Download
File Size   477.28 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 1 Watts To 4 GHz Nickel Plated Brass QMA Male

ST0421 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST0421 Datasheet PDF - Infinite Electronics International, Inc.

Part # ST0421
Download  ST0421 Click to download

File Size   477.28 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 1 Watts To 4 GHz Nickel Plated Brass QMA Male

ST0421 Datasheet (HTML) - Infinite Electronics International, Inc.


ST0421 Product details

Features
• DC to 4 GHz Frequency Range
• VSWR 1.15:1 Max
• Max Power 1 Watt (CW)
• QMA Male Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - ST0421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST0423 ETC1-ST0423 Datasheet
92Kb / 2P
VARIABLE COMPRESSION MICA TRIMMERS AND PADDERS
More results


Similar Description - ST0421

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6154 PASTERNACK-PE6154 Datasheet
234Kb / 1P
50 Ohm 2 Watts Brass N Male RF Load Up To 4 GHz
PE6151 PASTERNACK-PE6151 Datasheet
203Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 8 GHz
PE6199 PASTERNACK-PE6199 Datasheet
238Kb / 2P
50 Ohm 1 Watts Gold Plated Brass MMCX Male RF Load Up To 6 GHz
PE6149 PASTERNACK-PE6149_13 Datasheet
204Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz
PE6150 PASTERNACK-PE6150_16 Datasheet
417Kb / 3P
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
PE6156 PASTERNACK-PE6156_16 Datasheet
419Kb / 3P
2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass
PE6158 PASTERNACK-PE6158_13 Datasheet
208Kb / 2P
50 Ohm 2 Watts Precision Brass TNC Male RF Load Up To 4 GHz
PE6161 PASTERNACK-PE6161_16 Datasheet
436Kb / 4P
1 Watt RF Load Up to 18 GHz with SMP Male Limited Detent Gold over Nickel Plated Brass
PE6164 PASTERNACK-PE6164_16 Datasheet
423Kb / 4P
1 Watt RF Load Up to 12.4 GHz With QMA Male Input Nickel Plated Brass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com