Electronic Components Datasheet Search
  English  ▼

X  

8T49N287 Datasheet (PDF) - Renesas Technology Corp

8T49N287 Datasheet PDF - Renesas Technology Corp
Part # 8T49N287
Download  8T49N287 Download
File Size   1405.34 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Octal Universal Frequency Translator

8T49N287 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T49N287 Datasheet PDF - Renesas Technology Corp

Part # 8T49N287
Download  8T49N287 Click to download

File Size   1405.34 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Octal Universal Frequency Translator

8T49N287 Datasheet (HTML) - Renesas Technology Corp


8T49N287 Product details

• Supports SDH/SONET and Synchronous Ethernet clocks
including all FEC rate conversions
• <0.3ps RMS Typical jitter (including spurs), 12kHz to 20MHz
• Operating modes: locked to input signal, holdover and free-run
• Initial holdover accuracy of ±50ppb
• Accepts up to two LVPECL, LVDS, LVHSTL, HCSL, or LVCMOS
input clocks
• Accepts frequencies ranging from 8kHz up to 875MHz
• Auto and manual input clock selection with hitless switching
• Clock input monitoring, including support for gapped clocks
• Phase-Slope Limiting and Fully Hitless Switching options to
control output phase transients
• Operates from a 10MHz to 40MHz fundamental-mode crystal
• Generates 8 LVPECL / LVDS / HCSL or 16 LVCMOS output clocks
• Output frequencies ranging from 8kHz up to 1.0GHz (diff)
• Output frequencies ranging from 8kHz to 250MHz (LVCMOS)
• Four General Purpose I/O pins with optional support for status &
control:
• Four Output Enable control inputs may be mapped to any of the
eight outputs
• Lock, Holdover and Loss-of-Signal status outputs
• Open-drain Interrupt pin
• Nine programmable loop bandwidth settings for each PLL from
1.4Hz to 360Hz
• Optional Fast Lock function
• Programmable output phase delays in steps as small as 16ps
• Register programmable through I2C or via external I2C EEPROM
• Bypass clock paths for system tests




Similar Part No. - 8T49N287

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
8T49N287 ICST-8T49N287 Datasheet
1Mb / 75P
Optional Fast Lock function
REVISION 5
logo
Integrated Device Techn...
8T49N287 IDT-8T49N287 Datasheet
1Mb / 75P
Auto and manual input clock selection with hitless switching
8T49N287 IDT-8T49N287 Datasheet
1Mb / 75P
FemtoClock NG Octal Universal Frequency Translator
8T49N287 IDT-8T49N287 Datasheet
1Mb / 75P
NG Octal Universal Frequency Translator
logo
Renesas Technology Corp
8T49N287 RENESAS-8T49N287 Datasheet
1Mb / 76P
FemtoClock® NG Octal Universal Frequency Translator
March 8, 2021
More results


Similar Description - 8T49N287

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T49N281 RENESAS-8T49N281 Datasheet
1Mb / 64P
FemtoClock® NG Octal Universal Frequency Translator
January 17, 2019
8T49N282 RENESAS-8T49N282 Datasheet
1Mb / 76P
FemtoClock® NG Octal Universal Frequency Translator
January 28, 2019
8T49N283 RENESAS-8T49N283 Datasheet
1Mb / 77P
FemtoClock® NG Octal Universal Frequency Translator
January 29, 2019
8T49N285 RENESAS-8T49N285 Datasheet
1Mb / 68P
FemtoClock® NG Octal Universal Frequency Translator
March 8, 2021
8T49N286 RENESAS-8T49N286 Datasheet
2Mb / 78P
FemtoClock® NG Octal Universal Frequency Translator
October 28, 2020
8T49N287 RENESAS-8T49N287 Datasheet
1Mb / 76P
FemtoClock® NG Octal Universal Frequency Translator
March 8, 2021
ICS840N202I RENESAS-ICS840N202I Datasheet
684Kb / 32P
FemtoClock® NG Universal Frequency Translator
NOVEMBER 1, 2013
IDT8T49N105I RENESAS-IDT8T49N105I Datasheet
1Mb / 39P
FemtoClock® NG Universal Frequency Translator
2019
IDT8T49N222I RENESAS-IDT8T49N222I Datasheet
896Kb / 41P
FemtoClock® NG Universal Frequency Translator
2019
ICS849N212I RENESAS-ICS849N212I Datasheet
943Kb / 39P
FemtoClock® NG Universal Frequency Translator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com