Electronic Components Datasheet Search
  English  ▼

X  

SIT1040T Datasheet (PDF) - Hunan Silicon Internet of Things Technology

SIT1040T Datasheet PDF - Hunan Silicon Internet of Things Technology
Part # SIT1040T
Download  SIT1040T Download
File Size   840.22 Kbytes
Page   17 Pages
Manufacturer  SIT [Hunan Silicon Internet of Things Technology]
Direct Link  http://www.sitcores.com
Logo SIT - Hunan Silicon Internet of Things Technology
Description 5V, ±40V BUS Protection, 1Mbps High Speed CAN transceiver

SIT1040T Datasheet (PDF)

Go To PDF Page Download Datasheet
SIT1040T Datasheet PDF - Hunan Silicon Internet of Things Technology

Part # SIT1040T
Download  SIT1040T Click to download

File Size   840.22 Kbytes
Page   17 Pages
Manufacturer  SIT [Hunan Silicon Internet of Things Technology]
Direct Link  http://www.sitcores.com
Logo SIT - Hunan Silicon Internet of Things Technology
Description 5V, ±40V BUS Protection, 1Mbps High Speed CAN transceiver

SIT1040T Datasheet (HTML) - Hunan Silicon Internet of Things Technology


SIT1040T Product details

FEATURES
➢ Fully compatible with the ISO 11898 standard
➢ Thermally protected
➢ Input levels compatible with 3.3 V and 5 V devices
➢ Transmit Data (TXD) dominant time-out function
➢ Very low-current standby mode with remote wake-up
Capability via the bus: 5μA Typical
➢ Transceiver in unpowered state disengages from the
bus (zero load)
➢ At least 110 nodes can be connected
➢ High speed (up to 1 MBaud)
➢ Very low Electro Magnetic Emission (EME)
➢ Provide DFN3*3-8,Small Outline,Leadless Package

DESCRIPTION
The SIT1040 is the interface between the Controller Area Network (CAN) protocol controller and the
physical bus. It is primarily intended for high-speed applications, up to 1 MBaud, in in-vehicle, industry
control and other fields. The device provides differential transmit capability to the bus and differential
receive capability to the CAN controller.




Similar Part No. - SIT1040T

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
SIT10000M200 NTE-SIT10000M200 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
SIT10000M250 NTE-SIT10000M250 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
SIT10000M50 NTE-SIT10000M50 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
SIT1000M200 NTE-SIT1000M200 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
SIT1000M250 NTE-SIT1000M250 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
More results


Similar Description - SIT1040T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9616 STMICROELECTRONICS-L9616 Datasheet
112Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Nov-2000
logo
Maxim Integrated Produc...
MAX3058 MAXIM-MAX3058 Datasheet
221Kb / 12P
5V, 1Mbps, Low Supply Current CAN Transceivers
Rev 1; 9/03
logo
Analog Devices
ADM3054 AD-ADM3054 Datasheet
360Kb / 20P
5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
REV. 0
logo
List of Unclassifed Man...
HI-3000H ETC2-HI-3000H Datasheet
77Kb / 12P
1Mbps Avionics CAN Transceiver
logo
STMicroelectronics
L9616-TR STMICROELECTRONICS-L9616-TR Datasheet
101Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Sep-2013
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
logo
Texas Instruments
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
EMC-Optimized High-Speed CAN Bus Transceiver
logo
Shanghai Leiditech Elec...
LM82C250 LEIDITECH-LM82C250 Datasheet
5Mb / 12P
5V power supply, 짹18V interface withstand voltage, 1Mbps communication rate, 110 nodes, high-speed CAN bus transceiver
LM82C251 LEIDITECH-LM82C251 Datasheet
1Mb / 12P
5V power supply, 짹36V interface withstand voltage, 1Mbps communication rate, 110 nodes, high-speed CAN bus transceiver
logo
Analog Devices
ADM3051 AD-ADM3051_V01 Datasheet
215Kb / 16P
High Speed Industrial CAN Transceiver with Bus Protection for 24 V Systems
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com