Electronic Components Datasheet Search
  English  ▼

X  

SM5 Datasheet (PDF) - LUMEL S.A.

SM5 Datasheet PDF - LUMEL S.A.
Part # SM5
Download  SM5 Download
File Size   625.66 Kbytes
Page   2 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description module of logic inputs

SM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5 Datasheet PDF - LUMEL S.A.

Part # SM5
Download  SM5 Click to download

File Size   625.66 Kbytes
Page   2 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description module of logic inputs

SM5 Datasheet (HTML) - LUMEL S.A.


SM5 Product details

• Adjoined information about the operating machine state
to monitoring systems and PLC
• 8 relay logic inputs read out through RS-485/Modbus
• Fixing on a TS35 rail
• Signaling of input states on LED diodes
• Configuration through the free LPConfig software.




Similar Part No. - SM5

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SM5 VANLONG-SM5 Datasheet
37Kb / 1P
Ceramic Surface Mount Crystal
SM5 VANLONG-SM5 Datasheet
44Kb / 1P
Ceramic Surface Mount Crystal
logo
List of Unclassifed Man...
SM5 ETC-SM5 Datasheet
422Kb / 1P
SURFACE MOUNT PRECISION PLATE RESISTORS
SM5 ETC-SM5 Datasheet
800Kb / 5P
SM Solenoids
18/8/15
logo
SOVICO corp.
SM5 SOVICO-SM5 Datasheet
434Kb / 2P
Powered Studio Monitor
2020.11
More results


Similar Description - SM5

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
Logic Analyzer Module
logo
IXYS Corporation
CPC7594 IXYS-CPC7594 Datasheet
266Kb / 20P
TTL Logic Level Inputs for 3.3V Logic Interfaces
logo
STMicroelectronics
EVAL-L9301 STMICROELECTRONICS-EVAL-L9301 Datasheet
231Kb / 5P
Logic inputs TTLcompatible
26-Jul-2016
logo
Keysight Technologies
U4164A KEYSIGHT-U4164A Datasheet
1Mb / 34P
Logic Analyzer Module
logo
PHOENIX CONTACT
8267 PHOENIX-8267 Datasheet
367Kb / 37P
Axioline F temperature module, 8 inputs for connection of thermocouple sensors
logo
Schneider Electric
TM3AI4 SCHNEIDER-TM3AI4 Datasheet
138Kb / 5P
module TM3 - 4 analog inputs
Aug 11, 2019
TM3DI16 SCHNEIDER-TM3DI16 Datasheet
150Kb / 5P
module TM3 - 16 inputs
Aug 11, 2019
BMXDDI1602H SCHNEIDER-BMXDDI1602H Datasheet
121Kb / 5P
discrete input module X80 - 16 inputs - 24V DC current sink (logic positive)
Aug 11, 2019
BMXDDI1603H SCHNEIDER-BMXDDI1603H Datasheet
171Kb / 5P
discrete input module X80 - 16 inputs - 48V DC current sink (logic positive) - severe
Apr 18, 2022
BMXDDI3203H SCHNEIDER-BMXDDI3203H Datasheet
185Kb / 5P
Discrete input module X80 - 32 inputs - 48V DC current sink (logic positive) - severe
Apr 18, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com