Electronic Components Datasheet Search
  English  ▼

X  

60062PI Datasheet (PDF) - Philex Electronic Ltd.

60062PI Datasheet PDF - Philex Electronic Ltd.
Part # 60062PI
Download  60062PI Download
File Size   2231.08 Kbytes
Page   2 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 2Km Wireless Network Bridge Kit

60062PI Datasheet (PDF)

Go To PDF Page Download Datasheet
60062PI Datasheet PDF - Philex Electronic Ltd.

Part # 60062PI
Download  60062PI Click to download

File Size   2231.08 Kbytes
Page   2 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 2Km Wireless Network Bridge Kit

60062PI Datasheet (HTML) - Philex Electronic Ltd.


60062PI Product details

Key Features
• Up to 2Km wireless transmission
• Built-in 12dBi directional antenna for long
distance coverage
• Operate on the 5.8GHz frequency band with
data speeds up to 867Mbps
• Easy setup in one-click pairing without technical
skills required
• Point-to-Point outdoor coverage and
applications
• Strong Anti-interference and Signal Penetration




Similar Part No. - 60062PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6006 ETC2-6006 Datasheet
158Kb / 1P
THE BREAD BOARDING MEDIUM FOR SURFACE MOUNT
logo
Micronetics, Inc.
6006 MICRONETICS-6006 Datasheet
39Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN MODULES
logo
List of Unclassifed Man...
6006 ETC2-6006 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
6006 ETC2-6006 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
3M Electronics
6006 3M-6006 Datasheet
1Mb / 8P
3M??Reusable Respirators
More results


Similar Description - 60062PI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
3945ABG INTEL-3945ABG Datasheet
476Kb / 2P
PRO/Wireless Network Connection
logo
National Instruments Co...
WSN-3280 NI-WSN-3280 Datasheet
811Kb / 4P
Wireless Sensor Network Accessories
logo
Texas Instruments
CC2560 TI-CC2560 Datasheet
110Kb / 2P
Bluetooth짰 Wireless Kit
logo
RF Monolithics, Inc
WSN802G RFM-WSN802G Datasheet
7Mb / 101P
802.11g Wireless Sensor Network Modules
logo
Level One
WCS-0050 LVL1-WCS-0050 Datasheet
432Kb / 6P
150Mbps Wireless Megapixel Network Camera
logo
Murata Manufacturing Co...
WSN802GP MURATA-WSN802GP Datasheet
549Kb / 7P
802.11g Wireless Sensor Network Module
logo
Linear Technology
LTP5903-WHR LINER-LTP5903-WHR_15 Datasheet
842Kb / 20P
SmartMesh WirelessHART Network Manager Wireless Embedded Network Manager
logo
List of Unclassifed Man...
88980160 ETC2-88980160 Datasheet
618Kb / 3P
Wireless network antennas
logo
Microchip Technology
WINC3400 MICROCHIP-WINC3400 Datasheet
923Kb / 2P
Wireless Network Controller
2015
logo
IOGEAR
GWHDKITD IOGEAR-GWHDKITD Datasheet
157Kb / 2P
Wireless Display Connection Kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com