Electronic Components Datasheet Search
  English  ▼

X  

NJU6221 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJU6221 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJU6221
Download  NJU6221 Download
File Size   254.81 Kbytes
Page   6 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC with Input Tolerant Function

NJU6221 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU6221 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJU6221
Download  NJU6221 Click to download

File Size   254.81 Kbytes
Page   6 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC with Input Tolerant Function

NJU6221 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJU6221 Product details

FEATURES
●Maximum Oscillation Frequency 60MHz(Fundamental)
●Frequency Stability ±1ppm@VDD±10%
●Wide Operating Voltage 1.62 to 3.63V
●Low Operating Current 2mA typ.@60MHz/3.3V
●Built-in LDO
●Input Tolerant Circuit 0 to 3.63V@CONT Term.
●Oscillation Stop and Output Stand-by Function
●3-State Output Buffer
●Variable Pull-up Resistance on-Die (CONT: Pull-up Resistance large at the Stand-by mode.)
●Oscillation Capacitors Cg and Cg on-Die
●C-MOS Technology
●Package Outline Die/Wafer




Similar Part No. - NJU6221

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU6222 NISSHINBO-NJU6222 Datasheet
1Mb / 12P
Low phase noise Fundamental Quartz Crystal Oscillator IC
Ver.1.0
NJU6222 A X C - V NISSHINBO-NJU6222 A X C - V Datasheet
1Mb / 12P
Low phase noise Fundamental Quartz Crystal Oscillator IC
Ver.1.0
NJU6222 A X W -V NISSHINBO-NJU6222 A X W -V Datasheet
1Mb / 12P
Low phase noise Fundamental Quartz Crystal Oscillator IC
Ver.1.0
NJU6222 C X C - V NISSHINBO-NJU6222 C X C - V Datasheet
1Mb / 12P
Low phase noise Fundamental Quartz Crystal Oscillator IC
Ver.1.0
NJU6222 C X W -V NISSHINBO-NJU6222 C X W -V Datasheet
1Mb / 12P
Low phase noise Fundamental Quartz Crystal Oscillator IC
Ver.1.0
More results


Similar Description - NJU6221

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5003 NPC-SM5003 Datasheet
58Kb / 8P
Quartz Crystal Oscillator IC
SM5004 NPC-SM5004 Datasheet
58Kb / 8P
Quartz Crystal Oscillator IC
logo
New Japan Radio
NJU6360 NJRC-NJU6360 Datasheet
46Kb / 5P
High Drive Fundamental Quartz Crystal Oscillator
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
1.5V Operation Fundamental Quartz Crystal Oscillator
NJU6363 NJRC-NJU6363 Datasheet
100Kb / 6P
Fundamental Quartz Crystal Oscillator
NJU6214 NJRC-NJU6214 Datasheet
137Kb / 7P
Small-Sized 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC
NJU6215 NJRC-NJU6215 Datasheet
111Kb / 7P
Low Operating Current Fundamental Quartz Crystal Oscillator IC
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
NJU62221 NJRC-NJU62221 Datasheet
89Kb / 8P
1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC with Input Tolerant Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com