Electronic Components Datasheet Search
  English  ▼

X  

LM2738XMY Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM2738XMY Datasheet PDF - National Semiconductor (TI)
Part # LM2738XMY
Download  LM2738XMY Download
File Size   605.96 Kbytes
Page   28 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator

LM2738XMY Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2738XMY Datasheet PDF - National Semiconductor (TI)

Part # LM2738XMY
Download  LM2738XMY Click to download

File Size   605.96 Kbytes
Page   28 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator

LM2738XMY Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2738XMY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2738XMY TI1-LM2738XMY Datasheet
1Mb / 40P
1.5A Step-Down DC-DC Switching Regulator
LM2738XMY/NOPB TI1-LM2738XMY/NOPB Datasheet
1Mb / 40P
1.5A Step-Down DC-DC Switching Regulator
More results


Similar Description - LM2738XMY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
1.5A step-down switching regulator
16-Oct-2007
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2738 TI-LM2738_15 Datasheet
1Mb / 38P
LM2738 550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
1.5A Step-Down DC-DC Switching Regulator
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
Step-Down DC-DC Switching Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com