Electronic Components Datasheet Search
  English  ▼

X  

N43 Datasheet (PDF) - LUMEL S.A.

N43 Datasheet PDF - LUMEL S.A.
Part # N43
Download  N43 Download
File Size   610.43 Kbytes
Page   2 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description RAIL MOUNTED POWER NETWORK METER

N43 Datasheet (PDF)

Go To PDF Page Download Datasheet
N43 Datasheet PDF - LUMEL S.A.

Part # N43
Download  N43 Click to download

File Size   610.43 Kbytes
Page   2 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description RAIL MOUNTED POWER NETWORK METER

N43 Datasheet (HTML) - LUMEL S.A.


N43 Product details

• For direct (up to 63A) and indirect measurement, in 3 phase 4 wire/
3 wire balanced and unbalanced systems.
• The measurement of: rms values of voltage and current, active, reactive
and apparent power, active, reactive energy, power factors, frequency, THD.
• Indications considering values of programmed ratios.
• Programmable display pages.
• 3 programmable alarm outputs and 1 pulse output in standard version.
• Pulse output for monitoring of 3-phase active energy.
• Analog outputs after adding S4AO module.
• Digital transmission to the master system through the RS-485 interface
(MODBUS).
• USB for configuration by using free eCon software.
• Modern design allows for installation of the meter in modular switchgear
in accordance with EN 62208 (meter has a width of 6 modules)
on 35 mm rail.




Similar Part No. - N43

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
N43100B1EB1S MICROSEMI-N43100B1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
N43100B1EN1S MICROSEMI-N43100B1EN1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
N43100C1EB1S MICROSEMI-N43100C1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
N43100C1EN1S MICROSEMI-N43100C1EN1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
N43100D1EB1S MICROSEMI-N43100D1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
More results


Similar Description - N43

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
IS-30 PAIRUI-IS-30 Datasheet
751Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-70 PAIRUI-IS-70 Datasheet
757Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-120 PAIRUI-IS-120 Datasheet
735Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-180 PAIRUI-IS-180 Datasheet
744Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-240 PAIRUI-IS-240 Datasheet
762Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-120 PAIRUI-IS-120_19 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
IS-180 PAIRUI-IS-180_19 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
logo
M-System Co.,Ltd.
51U MSYSTEM-51U Datasheet
299Kb / 16P
Panel Mounted Multi Power Meter 51-UNIT
logo
Aavid, Thermal Division...
MAX03NG AAVID-MAX03NG Datasheet
143Kb / 3P
Rail Mounted Clips
logo
WAGO Kontakttechnik Gmb...
2002-4157 WAGO-2002-4157 Datasheet
687Kb / 20P
Quadruple-deck rail-mounted terminal block; Rail-mounted terminal block
23.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com