Electronic Components Datasheet Search
  English  ▼

X  

MAX3485ED Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

MAX3485ED Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # MAX3485ED
Download  MAX3485ED Download
File Size   386.16 Kbytes
Page   13 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 3.3V, 10Mbps Half-Duplex RS-485/RS-422 Transceiver

MAX3485ED Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3485ED Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # MAX3485ED
Download  MAX3485ED Click to download

File Size   386.16 Kbytes
Page   13 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 3.3V, 10Mbps Half-Duplex RS-485/RS-422 Transceiver

MAX3485ED Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


MAX3485ED Product details

FEATURES
• Operates from a Single 3.3V Supply
• Interoperable with +5.0V Logic
• −7V to 12V Common-Mode Input Voltage Range
• Three-State Outputs
• Driver/ Receiver Enable
• Half-Duplex Communication
• Allows up to 32 Transceivers on the Bus
• Data Rate up to 10 Mbps
• Current-Limiting and Thermal Shutdown for Driver
Overload Protection
• ESD Specifications
±15kV IEC61000-4-2 Air Discharge
±8kV Human Body Model
APPLICATIONS
• Low Power RS-485 Systems
• Telecommunications
• Packet Switching
• Industrial-Control Local Area Networks
• Data Concentration
• Data Multiplexers
• Integrated Services Digital Network (ISDN)
DESCRIPTION
The MAX3485 is a low-power half-duplex transceiver
that meets the specifications of RS-485 and RS-422.
IC contains one driver and one receiver. The driver slew
rates is not limited, allowing them to transmit up to
10Mbps. The transceiver draws 425µA of supply
current when unloaded or fully loaded with disabled
driver. All parts operate from a single 3.3V supply.
Driver is short-circuit current limited and is protected
against excessive power dissipation by thermal
shutdown circuitry that places the driver outputs into a
high-impedance state. The receiver input has a fail-safe
feature that guarantees a logic-high output if the input is
open circuit. The ESD tolerance is more than ±8kV for
both Human Body Model and ±15kV for IEC61000-4-2
Air Discharge Method on this device.




Similar Part No. - MAX3485ED

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3485E MAXIM-MAX3485E Datasheet
2Mb / 19P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
logo
Guangdong Youtai Semico...
MAX3485E UMW-MAX3485E Datasheet
1Mb / 13P
3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
logo
Maxim Integrated Produc...
MAX3485ECPA MAXIM-MAX3485ECPA Datasheet
231Kb / 16P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3485ECPA MAXIM-MAX3485ECPA Datasheet
237Kb / 16P
3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3485ECPA MAXIM-MAX3485ECPA Datasheet
237Kb / 16P
3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
Rev 0; 4/99
More results


Similar Description - MAX3485ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
HALF-DUPLEX RS-485 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX13487E MAXIM-MAX13487E Datasheet
453Kb / 17P
Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 0; 1/07
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
HALF-DUPLEX RS-485 TRANSCEIVER
logo
Exar Corporation
SP3485EN-L EXAR-SP3485EN-L Datasheet
544Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
logo
Analog Devices
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
logo
Maxim Integrated Produc...
MAX13487E MAXIM-MAX13487E_15 Datasheet
260Kb / 17P
Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 1; 2/15
logo
Texas Instruments
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
Half-Duplex RS-485 Transceiver
logo
Maxim Integrated Produc...
MAX13487E MAXIM-MAX13487E_V01 Datasheet
250Kb / 17P
Half-Duplex RS-485-/RS-422- Compatible Transceiver with AutoDirection Control
Rev 1; 2/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com