Electronic Components Datasheet Search
  English  ▼

X  

LD10238 Datasheet (PDF) - LightGraphix

LD10238 Datasheet PDF - LightGraphix
Part # LD10238
Download  LD10238 Download
File Size   5266.57 Kbytes
Page   11 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description HIGH-POWER SURFACE MOUNTED ADJUSTABLE INTERIOR/EXTERIOR LED SPOTLIGHT

LD10238 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD10238 Datasheet PDF - LightGraphix

Part # LD10238
Download  LD10238 Click to download

File Size   5266.57 Kbytes
Page   11 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description HIGH-POWER SURFACE MOUNTED ADJUSTABLE INTERIOR/EXTERIOR LED SPOTLIGHT

LD10238 Datasheet (HTML) - LightGraphix


LD10238 Product details

KEY FEATURES
> Compact but powerful fitting, delivering up to 891 lumens at 700mA in 3000K
> E3 engine featuring NICHIA LED, with 2-step binning and built-in reverse polarity protection
> Multiple engine options include N1 & F1 COB LEDs with 90+ CRI and 2200K colour
option - Tunable White, CLR and RGBW engine also available
> Machined aluminium fitting, paint finishes include: White (RAL 9016), Silver,
Anthracite Grey (RAL 7016), Black (RAL 9005), Antique Bronze, Satin Antique Brass,
Satin Brass or any RAL finish
> 90° head tilt adjustment
> Beam angles include, narrow 12° spot for lighting columns and arches, or a
15°x49° spreader lens, ideal for wall washing applications
> Single light source and optic produces a consistent beam removing multiple
shadows and includes black trim glass with peak intensity up to 7851
> 47mm recessed LED lens assembly within the body for reduced glare
> Anti-glare cowl included and optional honeycomb louvre for low-glare
> Fixing options include adjustable and non adjustable surface mount, surface
mounting base and ground spike
> Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
> Switched, 0-10V, Casambi, DMX, DALI, or Mains dimmable drivers available




Similar Part No. - LD10238

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD10235 LIGHTGRAPHIX-LD10235 Datasheet
2Mb / 8P
HIGH-POWER FLOOR OR CEILING MOUNTED SPOTLIGHT
20 May 2026
LD10235-E3-350 LIGHTGRAPHIX-LD10235-E3-350 Datasheet
2Mb / 8P
HIGH-POWER FLOOR OR CEILING MOUNTED SPOTLIGHT
20 May 2026
LD10235-E3-500 LIGHTGRAPHIX-LD10235-E3-500 Datasheet
2Mb / 8P
HIGH-POWER FLOOR OR CEILING MOUNTED SPOTLIGHT
20 May 2026
LD10235-E3-700 LIGHTGRAPHIX-LD10235-E3-700 Datasheet
2Mb / 8P
HIGH-POWER FLOOR OR CEILING MOUNTED SPOTLIGHT
20 May 2026
LD10236 LIGHTGRAPHIX-LD10236 Datasheet
3Mb / 7P
HIGH-POWER DOUBLE OUTPUT HIGH-POWER DOUBLE OUTPUT
20 May 2026
More results


Similar Description - LD10238

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
Automotive Lighting Interior and Exterior
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
Automotive Lighting Interior and Exterior
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com