Electronic Components Datasheet Search
  English  ▼

X  

FMFD4004 Datasheet (PDF) - Infinite Electronics International, Inc.

FMFD4004 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMFD4004
Download  FMFD4004 Download
File Size   595.55 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Frequency Divider, Divide by 4 Prescaler Module, 100 MHz to 24 GHz, SMA

FMFD4004 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMFD4004 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMFD4004
Download  FMFD4004 Click to download

File Size   595.55 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Frequency Divider, Divide by 4 Prescaler Module, 100 MHz to 24 GHz, SMA

FMFD4004 Datasheet (HTML) - Infinite Electronics International, Inc.


FMFD4004 Product details

Features
• voltage regulation and reverse voltage protection. This frequency divider design
• requries +12 Vdc typical bias voltage, operates over maximum temperature range
• of -40°C to +85°C, and has an absolute maximum rating for input power of +13
• dBm. The rugged and compact package suppors SMA Female connectors and RFI
• and Ground Pins. And for highly reliable operation, the model is guaranteed to
• meet MIL-STD-202 environmental test conditions for Humidity, Shock, Vibration,
• and Altitude.
Features
• Wide Input Frequency Range
• 100 MHz to 24 GHz
• Divide-by-4 Prescaler
• Output Frequency 25
• MHz to 6 GHz
• Output Power 0 dBm typical
• Low SSB Phase Noise -150 dBc/
• Hz @ 100 KHz offset typical
• RoHS & REACH
• Compliant Assembly
• Bias Voltage +12 Vdc @ 85mA
• Operational Temperature
• Range -40°C to +85°C
• Compact SMA
• Connectorized Package
• Designed to meet MIL-
• STD-202 Test Conditions
• Reverse Voltage protection
• Internal Voltage Regulation
• Applications:
• Aerospace & Defense
• Test & Measurement
• Microwave Radio Systems
• Military & Commercial
• Communication Systems
• Research & Development
• SATCOM
• Wireless Communications
• FMFD4004
• DATA SHEET




Similar Part No. - FMFD4004

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFD40000 FAIRVIEW-FMFD40000 Datasheet
703Kb / 3P
SMA Frequency Divider Divide by 40 Prescaler Module Operating from 100 MHz to 12 GHz
REV 1.1
FMFD4001 FAIRVIEW-FMFD4001 Datasheet
703Kb / 3P
SMA Frequency Divider Divide by 4 Prescaler Module Operating from 500 MHz to 18 GHz
REV 1.1
FMFD4002 FAIRVIEW-FMFD4002 Datasheet
702Kb / 3P
SMA Frequency Divider Divide by 4 Prescaler Module Operating from 100 MHz to 20 GHz
REV 1.1
FMFD4003 FAIRVIEW-FMFD4003 Datasheet
703Kb / 3P
SMA Frequency Divider Divide by 4 Prescaler Module Operating from 100 MHz to 13 GHz
REV 1.2
More results


Similar Description - FMFD4004

ManufacturerPart #DatasheetDescription
logo
NEC
UPG501 NEC-UPG501 Datasheet
41Kb / 2P
5 GHz DIVIDE-BY-4 STATIC PRESCALER
UPB582 NEC-UPB582 Datasheet
69Kb / 4P
DIVIDE-BY-4 PRESCALER
UPG503B NEC-UPG503B Datasheet
57Kb / 4P
9 GHz DIVIDE-BY-4 DYNAMIC PRESCALER
logo
National Semiconductor ...
DS8629 NSC-DS8629 Datasheet
164Kb / 3P
120 MHz DIVIDE BY 100 PRESCALER
logo
Hittite Microwave Corpo...
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 4 PRESCALER
logo
Hittite Microwave Corpo...
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
Analog Devices
ADF5001 AD-ADF5001 Datasheet
274Kb / 12P
4 GHz to 18 GHz Divide-by-4 Prescaler
REV. 0
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com