Electronic Components Datasheet Search
  English  ▼

X  

FMFD20001 Datasheet (PDF) - Infinite Electronics International, Inc.

FMFD20001 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMFD20001
Download  FMFD20001 Download
File Size   704.99 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Frequency Divider Divide by 20 Prescaler Module Operating from 200 MHz to 6 GHz

FMFD20001 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMFD20001 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMFD20001
Download  FMFD20001 Click to download

File Size   704.99 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Frequency Divider Divide by 20 Prescaler Module Operating from 200 MHz to 6 GHz

FMFD20001 Datasheet (HTML) - Infinite Electronics International, Inc.


FMFD20001 Product details

Features
• Wide Input Frequency
• Range: 200 MHz to 6 GHz
• Divide-by-20 Prescaler
• Output Frequency 10
• MHz to 300 MHz
• Output Power: +2 dBm typical
• Low SSB Phase Noise: -144 dBc/
• Hz @ 100 KHz offset typical
• RoHS & REACH
• Compliant Assembly
• Bias Voltage: +12 Vdc
• Operational Temperature
• Range: -40°C to +85°C
• Compact SMA
• Connectorized Package
• Designed to meet MIL-
• STD-202 Test Conditions
• Applications:
• PLL Applications
• Test Instrumentation
• Countermeasures
• Point to Point Microwave Radio
• SATCOM
• MILCOM
• Base Stations
• FMFD20001
• DATA SHEET




Similar Part No. - FMFD20001

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFD2001 FAIRVIEW-FMFD2001 Datasheet
698Kb / 3P
SMA Frequency Divider Divide by 2 Prescaler Module Operating from 500 MHz to 18 GHz
REV 1.1
FMFD2002 FAIRVIEW-FMFD2002 Datasheet
703Kb / 3P
SMA Frequency Divider Divide by 2 Prescaler Module Operating from 100 MHz to 20 GHz
REV 1.1
FMFD2004 FAIRVIEW-FMFD2004 Datasheet
596Kb / 4P
Frequency Divider, Divide by 2 Prescaler Module, 100 MHz to 24 GHz, SMA
REV 1A
More results


Similar Description - FMFD20001

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C005 HITTITE-HMC-C005 Datasheet
503Kb / 4P
DIVIDE-BY-2 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C007 HITTITE-HMC-C007 Datasheet
512Kb / 4P
DIVIDE-BY-8 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C039 HITTITE-HMC-C039 Datasheet
260Kb / 4P
DIVIDE-BY-5 PRESCALER MODULE, 0.5 - 8.0 GHz
HMC-C040 HITTITE-HMC-C040 Datasheet
205Kb / 4P
DIVIDE-BY-10 PRESCALER MODULE, 0.5 - 17.0 GHz
HMC-C039 HITTITE-HMC-C039_07 Datasheet
216Kb / 4P
DIVIDE-BY-5 PRESCALER MODULE, 0.5 - 8.0 GHz
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
Analog Devices
ADF5001 AD-ADF5001 Datasheet
274Kb / 12P
4 GHz to 18 GHz Divide-by-4 Prescaler
REV. 0
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com