Electronic Components Datasheet Search
  English  ▼

X  

FMFD1001 Datasheet (PDF) - Infinite Electronics International, Inc.

FMFD1001 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMFD1001
Download  FMFD1001 Download
File Size   698.49 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Frequency Divider Divide by 10 Prescaler Module Operating from 100 MHz to 12.5 GHz

FMFD1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMFD1001 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMFD1001
Download  FMFD1001 Click to download

File Size   698.49 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Frequency Divider Divide by 10 Prescaler Module Operating from 100 MHz to 12.5 GHz

FMFD1001 Datasheet (HTML) - Infinite Electronics International, Inc.


FMFD1001 Product details

Features
• Wide Input Frequency Range:
• 100 MHz to 12.5 GHz
• Divide-by-10 Prescaler
• Output Frequency 10
• MHz to 1.25 GHz
• Output Power: -1 dBm typical
• Low SSB Phase Noise: -144 dBc/
• Hz @ 100 KHz offset typical
• RoHS & REACH
• Compliant Assembly
• Bias Voltage: +12 Vdc
• Operational Temperature
• Range: -40°C to +85°C
• Compact SMA
• Connectorized Package
• Designed to meet MIL-
• STD-202 Test Conditions
• Applications:
• PLL Applications
• Test Instrumentation
• Countermeasures
• Point to Point Microwave Radio
• SATCOM
• MILCOM
• Base Stations
• FMFD1001
• DATA SHEET




Similar Part No. - FMFD1001

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFD1002 FAIRVIEW-FMFD1002 Datasheet
698Kb / 3P
SMA Frequency Divider Divide by 10 Prescaler Module Operating from 200 MHz to 6 GHz
REV 1.1
More results


Similar Description - FMFD1001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8629 NSC-DS8629 Datasheet
164Kb / 3P
120 MHz DIVIDE BY 100 PRESCALER
logo
Hittite Microwave Corpo...
HMC-C005 HITTITE-HMC-C005 Datasheet
503Kb / 4P
DIVIDE-BY-2 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C007 HITTITE-HMC-C007 Datasheet
512Kb / 4P
DIVIDE-BY-8 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C039 HITTITE-HMC-C039 Datasheet
260Kb / 4P
DIVIDE-BY-5 PRESCALER MODULE, 0.5 - 8.0 GHz
HMC-C040 HITTITE-HMC-C040 Datasheet
205Kb / 4P
DIVIDE-BY-10 PRESCALER MODULE, 0.5 - 17.0 GHz
HMC-C039 HITTITE-HMC-C039_07 Datasheet
216Kb / 4P
DIVIDE-BY-5 PRESCALER MODULE, 0.5 - 8.0 GHz
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
Analog Devices
ADF5001 AD-ADF5001 Datasheet
274Kb / 12P
4 GHz to 18 GHz Divide-by-4 Prescaler
REV. 0
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com