Electronic Components Datasheet Search
  English  ▼

X  

TXB0104DR Datasheet (PDF) - Texas Instruments

TXB0104DR Datasheet PDF - Texas Instruments
Part # TXB0104DR
Download  TXB0104DR Download
File Size   3657.03 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXB0104 4-Bit Bidirectional Voltage-Level Translator With Automatic Direction

TXB0104DR Datasheet (PDF)

Go To PDF Page Download Datasheet
TXB0104DR Datasheet PDF - Texas Instruments

Part # TXB0104DR
Download  TXB0104DR Click to download

File Size   3657.03 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXB0104 4-Bit Bidirectional Voltage-Level Translator With Automatic Direction

TXB0104DR Datasheet (HTML) - Texas Instruments


TXB0104DR Product details

1 Features
• 1.2V to 3.6V on A port and 1.65V to 5.5V on B port (VCCA ≤ VCCB)
• VCC isolation feature: if either VCC input ss at GND, all outputs are in the high-impedance state
• Output enable (OE) input circuit referenced to VCCA
• Low power consumption, 5μA maximum ICC
• I OFF supports partial power-down mode operation
• Latch-up Performance Exceeds 100mA Per JESD 78, Class II
• ESD Protection Exceeds JESD 22
– A Port:
• 2500V Human-Body Model (A114-B)
• 1500V Charged-Device Model (C101)
– B Port:
• ±15kV Human-Body Model (A114-B)
• 1500V Charged-Device Model (C101)




Similar Part No. - TXB0104DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104DR TI-TXB0104DR Datasheet
135Kb / 12P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104DR TI-TXB0104DR Datasheet
971Kb / 25P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104DR TI-TXB0104DR Datasheet
940Kb / 28P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104DR TI-TXB0104DR Datasheet
968Kb / 28P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104DR TI1-TXB0104DR Datasheet
1Mb / 34P
4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
More results


Similar Description - TXB0104DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104 TI-TXB0104_08 Datasheet
971Kb / 25P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_10 Datasheet
940Kb / 28P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_11 Datasheet
968Kb / 28P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104-Q1 TI-TXB0104-Q1 Datasheet
651Kb / 20P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0302 TI1-TXB0302 Datasheet
489Kb / 11P
2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
TXB0304 TI1-TXB0304 Datasheet
614Kb / 14P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXS0302 TI1-TXS0302 Datasheet
277Kb / 7P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXB0104-Q1 TI1-TXB0104-Q1_15 Datasheet
1Mb / 29P
TXB0104-Q1 4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
TXB0104 TI1-TXB0104_17 Datasheet
1Mb / 34P
4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
TXB0104 TI-TXB0104_V01 Datasheet
1Mb / 43P
TXB0104 4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 짹15-kV ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com