Electronic Components Datasheet Search
  English  ▼

X  

TXB0106DYYR Datasheet (PDF) - Texas Instruments

TXB0106DYYR Datasheet PDF - Texas Instruments
Part # TXB0106DYYR
Download  TXB0106DYYR Download
File Size   2362.73 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXB0106 6-Bit Bidirectional Level-Shifting and Voltage Translator With Auto-Direction Sensing and ±15kV ESD Protection

TXB0106DYYR Datasheet (PDF)

Go To PDF Page Download Datasheet
TXB0106DYYR Datasheet PDF - Texas Instruments

Part # TXB0106DYYR
Download  TXB0106DYYR Click to download

File Size   2362.73 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXB0106 6-Bit Bidirectional Level-Shifting and Voltage Translator With Auto-Direction Sensing and ±15kV ESD Protection

TXB0106DYYR Datasheet (HTML) - Texas Instruments


TXB0106DYYR Product details

1 Features
• 1.2V to 3.6V on A port and 1.65 to 5.5V on B Port (VCCA ≤ VCCB)
• VCC isolation feature – if either VCC input is at GND, all outputs are in the high-impedance state
• OE input circuit referenced to VCCA
• Low-power consumption, 4μA max ICC
• Ioff supports partial-power-down mode operation
• Latch-up performance exceeds 100mA per JESD 78, class II
• ESD protection exceeds JESD 22
– A port
• 2500V human body model (A114-B)
• 150V machine model (A115-A)
• 1500V charged-device model (C101)
– B port
• ±15kV human body model (A114-B)
• 150V machine model (A115-A)
• 1500V charged-device model (C101)




Similar Part No. - TXB0106DYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
568Kb / 19P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
650Kb / 20P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0106 TI2-TXB0106 Datasheet
562Kb / 29P
TXB0106-Q1 6-Bit Bidirectional Voltage-Level Translator With Auto-Direction Sensing and ±10-kV ESD Protection
REVISED APRIL 2018
TXB0106 TI2-TXB0106 Datasheet
1Mb / 35P
TXB0106-Q1 6-Bit Bidirectional Voltage-Level Translator With Auto-Direction Sensing and ±10kV ESD Protection
REVISED AUGUST 2025
More results


Similar Description - TXB0106DYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_11 Datasheet
650Kb / 20P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0106-Q1 TI-TXB0106-Q1 Datasheet
447Kb / 17P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 10-kV ESD PROTECTION
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3304 UNIONSEMI-UM3304 Datasheet
398Kb / 15P
4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
UM3302 UNIONSEMI-UM3302 Datasheet
283Kb / 13P
2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
UM3302H UNIONSEMI-UM3302H_14 Datasheet
377Kb / 13P
2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com