Electronic Components Datasheet Search
  English  ▼

X  

TPW4066 Datasheet (PDF) - 3PEAK INC.

TPW4066 Datasheet PDF - 3PEAK INC.
Part # TPW4066
Download  TPW4066 Download
File Size   1496.9 Kbytes
Page   20 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 12-V, Quad SPST Analog Switch

TPW4066 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPW4066 Datasheet PDF - 3PEAK INC.

Part # TPW4066
Download  TPW4066 Click to download

File Size   1496.9 Kbytes
Page   20 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 12-V, Quad SPST Analog Switch

TPW4066 Datasheet (HTML) - 3PEAK INC.


TPW4066 Product details

Features
Analog Switch Voltage: 3.3 V, 5 V, 10 V
Low On-State Resistance:
– Typical 50 Ω at VS = 9 V
– Typical 60 Ω at VS = 4.5 V
– Typical 300 Ω at VS = 3 V
Bandwidth: 200 MHz
Fast Switching Times: tON = 60 ns, tOFF = 50 ns
Break-Before-Make Switching
Operation Temperature Range: –40°C to 125°C

Applications
Industry Control Systems
Battery-Powered Systems
Audio Signal Routing
Instrumentation

Description
The TPW4066 is a four-channel single-pole single-throw
(SPST) analog switch that is suitable for use in analog
or digital multiplexer/demultiplexer applications. The switch
features four digital select inputs (S1, S2, S3, and S4), to
control four independent switches.
The device is designed on an enhanced process that
provides lower power dissipation and high switching
speed. The device operates equally well as either
multiplexers or de-multiplexers and has an input range that
extends to the supplies.




Similar Part No. - TPW4066

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TPW4051 3PEAK-TPW4051 Datasheet
1,003Kb / 15P
12V General Purpose Analog Switch
Rev.0.03
TPW4052 3PEAK-TPW4052 Datasheet
1,003Kb / 15P
12V General Purpose Analog Switch
Rev.0.03
TPW4053 3PEAK-TPW4053 Datasheet
1,003Kb / 15P
12V General Purpose Analog Switch
Rev.0.03
More results


Similar Description - TPW4066

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
Quad SPST JFET Analog Switch
REV.A
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
Quad, SPST Analog Switch
Rev 0; 4/98
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
Quad, SPST Analog Switch
Rev 3; 6/07
logo
Holt Integrated Circuit...
HI-8190 HOLTIC-HI-8190 Datasheet
79Kb / 9P
12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
CMOS QUAD SPST ANALOG SWITCH
SW201 AD-SW201 Datasheet
413Kb / 6P
QUAD SPST JFET ANALOG SWITCH
23-Feb-2017
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com