Electronic Components Datasheet Search
  English  ▼

X  

TPS25751ASRSMR Datasheet (PDF) - Texas Instruments

TPS25751ASRSMR Datasheet PDF - Texas Instruments
Part # TPS25751ASRSMR
Download  TPS25751ASRSMR Download
File Size   3980.04 Kbytes
Page   88 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications

TPS25751ASRSMR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS25751ASRSMR Datasheet PDF - Texas Instruments

Part # TPS25751ASRSMR
Download  TPS25751ASRSMR Click to download

File Size   3980.04 Kbytes
Page   88 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications

TPS25751ASRSMR Datasheet (HTML) - Texas Instruments


TPS25751ASRSMR Product details

1 Features
• This device is certified by the USB-IF for PD3.2
– TPS25751A TID#: 15341
– Article on PD2.0 vs. PD3.0
• Optimized for USB Type-C PD Sink (UFP) and Dual Role Power (DRP) power applications
– Built in I2C control for TI battery chargers
– Web-based GUI and pre-configured firmware
– For a more extensive selection guide and getting started information, please refer to www.ti.com/usb-c
• Programmable power supply (PPS) and adjustable voltage supply (AVS)
– Supports PPS source and sink
– Standalone PPS source control TI battery chargers
– Programmable interface for PPS sink
– Supports AVS source
• Liquid detection
– Measures directly at the Type-C connector
– Integrated error handling and protection
• Integrated fully managed power paths
– Integrated 5V, 3A, and 36mΩ sourcing switch (TPS25751AD and TPS25751AS)
– Integrated 20V, 5A, 15mΩ bi-directional load switch (TPS25751AD only)
• Integrated robust power path protection
– 20V, 5A bi-directional switch: reverse current protection (RCP), undervoltage protection
(UVP), overvoltage protection (OVP), and slew rate control
– 5V, 3A sourcing switch: OVP, UVP, and current limiting (ILIM) for inrush current protection
– 26V tolerant CC pins for robust protection when connected to non-compliant devices
• Additional features
– 11 configurable GPIOs
– BC1.2 charging support
– 3.3V LDO output for dead battery support
– Power supply from 3.3V or VBUS source
– 1 I2C controller port
– 1 I2C target port




Similar Part No. - TPS25751ASRSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25751ASRSMR TI2-TPS25751ASRSMR Datasheet
3Mb / 85P
TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
MAY 2026
More results


Similar Description - TPS25751ASRSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS25750 TI1-TPS25750 Datasheet
3Mb / 67P
TPS25750 USB Type-C and USB PD Controller with Integrated Power Switches Optimized for Power Applications
TPS65987DDK TI-TPS65987DDK Datasheet
2Mb / 61P
TPS65987DDK USB Type-C and USB PD Controller with Integrated Power Switches For USB4 Devices
TPS25750 TI-TPS25750_V01 Datasheet
3Mb / 74P
TPS25750 USB Type-C짰 and USB PD Controller with Integrated Power Switches Optimized for Power Applications
TPS25751 TI1-TPS25751 Datasheet
3Mb / 89P
TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
OCTOBER 2023
TPS25730 TI1-TPS25730 Datasheet
3Mb / 68P
TPS25730 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com