Electronic Components Datasheet Search
  English  ▼

X  

OPA2371D Datasheet (PDF) - Texas Instruments

OPA2371D Datasheet PDF - Texas Instruments
Part # OPA2371D
Download  OPA2371D Download
File Size   1834.19 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx371D 125kHz, 650nA NanoPower, 1.5V Low Voltage, Decompensated Amplifier for Power Conscious Applications

OPA2371D Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2371D Datasheet PDF - Texas Instruments

Part # OPA2371D
Download  OPA2371D Click to download

File Size   1834.19 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx371D 125kHz, 650nA NanoPower, 1.5V Low Voltage, Decompensated Amplifier for Power Conscious Applications

OPA2371D Datasheet (HTML) - Texas Instruments


OPA2371D Product details

1 Features
• Wide gain bandwidth product: 125kHz
• Low quiescent current: 650nA/ch
• Operational from supply voltage as low as 1.5V
• Low integrated noise (0.1Hz - 10Hz): 3.9μVp-p
• Low input offset voltage: ±0.3mV
• Low input bias current: 500fA
• Rail-to-rail input and output
• Decompensated, gain ≥ 10V/V (stable)
• Integrated RFI and EMI filters
• Extended industrial temperature range: –40°C to 125°C




Similar Part No. - OPA2371D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2371D TI2-OPA2371D Datasheet
1Mb / 36P
OPAx371D 125kHz, 650nA NanoPower, 1.5V Low Voltage, Decompensated Amplifier for Power Conscious Applications
REVISED AUGUST 2026
More results


Similar Description - OPA2371D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
Power Amplifier For 1.5V Headphone Stereos
logo
Rochester Electronics
DS14C232J ROCHESTER-DS14C232J Datasheet
630Kb / 1P
LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Texas Instruments
LPV821 TI1-LPV821 Datasheet
407Kb / 18P
650nA, Precision, Nanopower, Zero-Drift Amplifier
LPV821 TI1-LPV821_18 Datasheet
1Mb / 24P
650nA, Precision, Nanopower, Zero-Drift Amplifier
TLV9041 TI-TLV9041_V02 Datasheet
5Mb / 67P
TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
REVISED AUGUST 2021
TLV9041 TI-TLV9041_V03 Datasheet
5Mb / 61P
TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
MARCH 2022
TLV9041 TI-TLV9041_V04 Datasheet
5Mb / 72P
TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
MARCH 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com