Electronic Components Datasheet Search
  English  ▼

X  

DIO58056DCN8 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO58056DCN8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO58056DCN8
Download  DIO58056DCN8 Download
File Size   1287.36 Kbytes
Page   16 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 50~1000 mA, Single Cell Charger

DIO58056DCN8 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO58056DCN8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO58056DCN8
Download  DIO58056DCN8 Click to download

File Size   1287.36 Kbytes
Page   16 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 50~1000 mA, Single Cell Charger

DIO58056DCN8 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO58056DCN8 Product details

Features
 Broad programmable charging current:
50~1000 mA
 Over-temperature protection
 Under voltage lockout protection
 Reverse current protection between BAT and
GND pins
 Programmable charge termination current
 Maximum voltage power input: 36 V
 Automatic recharge threshold:
DIO58056: 4.05 V
DIO58056B: 4.2 V
DIO58056C: 4.25 V
DIO58056D: 4.3 V
 Final float voltage:
DIO58056: 4.2 V
DIO58056B: 4.35 V
DIO58056C: 4.4 V
DIO58056D: 4.45 V
 Charge status output pin
 Trickle charge threshold
DIO58056: 2.5 V
DIO58056B: 2.6 V
DIO58056C: 2.62 V
DIO58056D: 2.65 V
 Soft-start limits inrush current
 Over voltage lockout protection
 Pass IEC 62368 qualification
 Packages: DFN2*2-8 and EP-SOIC8
Descriptions
The DIO58056/B/C/D is a complete
constant-current / constant voltage linear charger
for single cell Lithium-Ion batteries. No external
sense resistor is needed, and no blocking diode is
required due to the internal MOSFET architecture.
Thermal feedback regulates the charge current to
limit the die temperature during high power
operation or high ambient temperature. The
charge voltage is fixed at 4.2 V for DIO58056, 4.35
V for DIO58056B, 4.4 V for DIO58056C and 4.45 V
for DIO58056D and the charge current and the
terminal current can be programmed externally
with resistors. The input voltage is up to 36 V.
When the input supply (wall adapter or USB
supply) is removed, the DIO58056/B/C/D
automatically enters a low current state, dropping
the battery drain current to less than 1.0 μA.
The DIO58056 is available in a small packages
with DFN2*2-8 and EP-SOIC8. Standard product is
Pb-Free.
Applications
 Wireless phone
 MP3/MP4 player
 Bluetooth device




Similar Part No. - DIO58056DCN8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO58011-B DIOO-DIO58011-B Datasheet
791Kb / 14P
5~100mA, Single Cell Charger
Rev 1.5
DIO58011BCD10 DIOO-DIO58011BCD10 Datasheet
791Kb / 14P
5~100mA, Single Cell Charger
Rev 1.5
DIO58011CD10 DIOO-DIO58011CD10 Datasheet
791Kb / 14P
5~100mA, Single Cell Charger
Rev 1.5
DIO58013-B DIOO-DIO58013-B Datasheet
1Mb / 15P
50~1000mA, Single Cell Charger
Rev 1.9
DIO58013A DIOO-DIO58013A Datasheet
1Mb / 15P
50~1000mA, Single Cell Charger
Rev 1.2
More results


Similar Description - DIO58056DCN8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ25060 TI-BQ25060 Datasheet
1Mb / 22P
1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
BQ25060 TI-BQ25060_1 Datasheet
1Mb / 24P
1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
BQ25050 TI1-BQ25050 Datasheet
1Mb / 28P
1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
logo
Texas Instruments
BQ25050 TI-BQ25050_15 Datasheet
2Mb / 28P
1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path Control, and Single Input Interface
BQ25071 TI-BQ25071_15 Datasheet
1Mb / 26P
bq25071 1-A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50 mA LDO
logo
Intersil Corporation
ISL78693 INTERSIL-ISL78693 Datasheet
626Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
December 12, 2016
logo
Maxim Integrated Produc...
MAX77975EVKIT MAXIM-MAX77975EVKIT Datasheet
5Mb / 32P
High-Efficiency Single-Cell Switching Charger
319-100597; Rev 1; 11/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com