Electronic Components Datasheet Search
  English  ▼

X  

DIO58231A Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO58231A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO58231A
Download  DIO58231A Download
File Size   1375.87 Kbytes
Page   22 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 3.8 A H-Bridge PWM Motor Driver with Integrated Current Sense and Regulation

DIO58231A Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO58231A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO58231A
Download  DIO58231A Click to download

File Size   1375.87 Kbytes
Page   22 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 3.8 A H-Bridge PWM Motor Driver with Integrated Current Sense and Regulation

DIO58231A Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO58231A Product details

 Features
 4.5 V to 38 V power supply voltage range
 3.8 A maximum drive current
 H-bridge motor driver
 PWM control interface
 1 μA low power in sleep mode
 Automatic fault recovery
 Integrated IPROPI current sensing for stall
detection and current regulation
 450 mΩ typical RDS(ON) (HS + LS)
 Protection:
- Overcurrent protection (OCP)
- Thermal shutdown protection (TSD)
- Internal undervoltage lockout (UVLO)
- Automatic fault recovery
 Applications
 Printers
 Robotic vacuum cleaner
 Industrial pumps and valves
 Description
The DIO58231A is an all-in-one motor driver
incorporating an N-channel H-bridge, charge pump,
current sensing feedback mechanism, current
regulation functionality, and protection circuits. Its
charge pump enhances operational efficiency by
enabling N-channel MOSFET half-bridge operation
and supporting 100% duty cycle drive capability.
Current sensing and regulation use an internal
current mirror design on the IPROPI pin. This avoids
the need for a large power shunt resistor, saving
circuit board space and reducing overall system
costs. Via the IPROPI current-sense output, a
microcontroller can detect motor stalling or load
changes. The external voltage reference pin (VREF)
independently sets the current regulation threshold
during startup and stalling, without needing input
from a microcontroller.
The EP-SOIC8/DFN2*2-8 package with a thermal
pad enhances heat dissipation, making it suitable for
demanding environments. Ideal for battery-powered
or high-reliability applications, the DIO58231A
combines robust design with advanced motor
control features.




Similar Part No. - DIO58231A

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO58011-B DIOO-DIO58011-B Datasheet
791Kb / 14P
5~100mA, Single Cell Charger
Rev 1.5
DIO58011BCD10 DIOO-DIO58011BCD10 Datasheet
791Kb / 14P
5~100mA, Single Cell Charger
Rev 1.5
DIO58011CD10 DIOO-DIO58011CD10 Datasheet
791Kb / 14P
5~100mA, Single Cell Charger
Rev 1.5
DIO58013-B DIOO-DIO58013-B Datasheet
1Mb / 15P
50~1000mA, Single Cell Charger
Rev 1.9
DIO58013A DIOO-DIO58013A Datasheet
1Mb / 15P
50~1000mA, Single Cell Charger
Rev 1.2
More results


Similar Description - DIO58231A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8876 TI1-DRV8876 Datasheet
520Kb / 29P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876-Q1 TI1-DRV8876-Q1 Datasheet
715Kb / 32P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876_1904 TI1-DRV8876_1904 Datasheet
942Kb / 37P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8874 TI1-DRV8874 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8874-Q1 TI1-DRV8874-Q1 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8876-Q1 TI1-DRV8876-Q1_V01 Datasheet
897Kb / 35P
DRV887x-Q1 H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8231A TI-DRV8231A Datasheet
3Mb / 41P
DRV8231A 3.7-A Brushed DC Motor Driver with Integrated Current Sense and Regulation
NOVEMBER 2021
DRV8231A TI-DRV8231A_V01 Datasheet
4Mb / 46P
DRV8231A 3.7-A Brushed DC Motor Driver with Integrated Current Sense and Regulation
NOVEMBER 2021
DRV8251A TI-DRV8251A Datasheet
3Mb / 39P
DRV8251A 4.1-A Brushed DC Motor Driver with Integrated Current Sense and Regulation
JANUARY 2022
DRV8411A TI-DRV8411A_V01 Datasheet
2Mb / 53P
DRV8411A Dual H-Bridge Motor Driver with Current Regulation
REVISED JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com