Electronic Components Datasheet Search
  English  ▼

X  

DIO58020 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO58020 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO58020
Download  DIO58020 Download
File Size   1246.67 Kbytes
Page   17 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 10 to 300 mA, Single Cell Charger

DIO58020 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO58020 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO58020
Download  DIO58020 Click to download

File Size   1246.67 Kbytes
Page   17 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 10 to 300 mA, Single Cell Charger

DIO58020 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO58020 Product details

 Features
 Broad programmable charging current:
− from 10 to 300 mA
 Overtemperature protection
 Undervoltage lockout protection
 Overvoltage lockout protection
 Reverse current protection between BAT and
GND pins
 Programmable charge termination current
 Maximum voltage power input: 32 V
 Automatic recharge threshold:
− DIO58020A: 4.25 V
− DIO58020B: 4.215 V
− DIO58020C: 4.2 V
− DIO58020D: 4.05 V
 Final float voltage:
− DIO58020A: 4.4 V
− DIO58020B: 4.365 V
− DIO58020C: 4.35 V
− DIO58020D: 4.2 V
 Charge status output pin
 Trickle charge threshold: 2.5 V
 Soft-start limits inrush current
 Applications
 Wireless phone
 MP3/MP4 player
 Bluetooth device
 Description
The DIO58020 series is a complete constant-current /
constant voltage linear charger for single cell
Lithium-Ion batteries. No external sense resistor is
needed, and no blocking diode is required due to the
internal MOSFET architecture. Thermal feedback
regulates the charge current to limit the die
temperature during high power operation or high
ambient temperature. The final float voltage is fixed at
4.4 V for DIO58020A, 4.365 V for DIO58020B, 4.35 V
for DIO58020C and 4.2 V for DIO58020D, and the
charge current and the terminal current can be
programmed externally with resistors. The input
voltage is up to 32 V.
In communication mode (EN = High, 0 < VIN < 2.8 V),
the series of DIO58020 enters a low current state,
dropping the battery drain current to 25 μA, and
channel resistance is 20 Ω.
The DIO58020 series is available in a small package
with QFN2*2-12.




Similar Part No. - DIO58020

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO58011-B DIOO-DIO58011-B Datasheet
791Kb / 14P
5~100mA, Single Cell Charger
Rev 1.5
DIO58011BCD10 DIOO-DIO58011BCD10 Datasheet
791Kb / 14P
5~100mA, Single Cell Charger
Rev 1.5
DIO58011CD10 DIOO-DIO58011CD10 Datasheet
791Kb / 14P
5~100mA, Single Cell Charger
Rev 1.5
DIO58013-B DIOO-DIO58013-B Datasheet
1Mb / 15P
50~1000mA, Single Cell Charger
Rev 1.9
DIO58013A DIOO-DIO58013A Datasheet
1Mb / 15P
50~1000mA, Single Cell Charger
Rev 1.2
More results


Similar Description - DIO58020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
logo
Texas Instruments
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
Controlled Single Cell 3-A Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
logo
Intersil Corporation
ISL78693 INTERSIL-ISL78693 Datasheet
626Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
December 12, 2016
logo
Renesas Technology Corp
ISL78693 RENESAS-ISL78693 Datasheet
966Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
logo
Maxim Integrated Produc...
MAX77975EVKIT MAXIM-MAX77975EVKIT Datasheet
5Mb / 32P
High-Efficiency Single-Cell Switching Charger
319-100597; Rev 1; 11/20
logo
Texas Instruments
BQ25173 TI-BQ25173 Datasheet
2Mb / 31P
BQ25173: 800-mA Linear Charger for 1- to 4-Cell Supercapacitor
NOVEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com