Electronic Components Datasheet Search
  English  ▼

X  

DS136 Datasheet (PDF) - Bridgelux, Inc.

DS136 Datasheet PDF - Bridgelux, Inc.
Part # DS136
Download  DS136 Download
File Size   812.98 Kbytes
Page   15 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description Tunable Linear Gen 31 SMD Row

DS136 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS136 Datasheet PDF - Bridgelux, Inc.

Part # DS136
Download  DS136 Click to download

File Size   812.98 Kbytes
Page   15 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description Tunable Linear Gen 31 SMD Row

DS136 Datasheet (HTML) - Bridgelux, Inc.


DS136 Product details

Lengths: 280mm, 560mm, 1120mm
CRIs: 80, 90
CCT Ranges: 1800K-3000K, 1800K-4000K, 2700-5000K, 2700-6500K




Similar Part No. - DS136

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS136 LUMILEDS-DS136 Datasheet
2Mb / 21P
Best combination of brightness, uniformity and luminance enabling precision light control
logo
Bridgelux, Inc.
DS1360 BRIDGELUX-DS1360 Datasheet
1Mb / 23P
Gen 8 V6 HD F90 TS LED Array
11/2024
DS1361 BRIDGELUX-DS1361 Datasheet
1Mb / 22P
Gen 8 V4 HD F90 TS LED Array
11/2024
DS1362 BRIDGELUX-DS1362 Datasheet
1Mb / 22P
Gen 8 V9 HD F90 TS LED Array
11/2024
DS1363 BRIDGELUX-DS1363 Datasheet
1Mb / 22P
Gen 8 V11 HD F90 TS LED Array
11/2024
More results


Similar Description - DS136

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
1330 YANTEL-1330 Datasheet
147Kb / 2P
SMD RF Manual Tunable Inductor
1331 YANTEL-1331 Datasheet
137Kb / 2P
SMD RF Manual Tunable Inductor
1332 YANTEL-1332 Datasheet
145Kb / 2P
SMD RF Manual Tunable Inductor
1333 YANTEL-1333 Datasheet
134Kb / 2P
SMD RF Manual Tunable Inductor
1334 YANTEL-1334 Datasheet
125Kb / 2P
SMD RF Manual Tunable Inductor
2611 YANTEL-2611 Datasheet
142Kb / 2P
SMD RF Manual Tunable Inductor
2612 YANTEL-2612 Datasheet
148Kb / 2P
SMD RF Manual Tunable Inductor
2615 YANTEL-2615 Datasheet
133Kb / 2P
SMD RF Manual Tunable Inductor
2711 YANTEL-2711 Datasheet
143Kb / 2P
SMD RF Manual Tunable Inductor
2712 YANTEL-2712 Datasheet
143Kb / 2P
SMD RF Manual Tunable Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com