Electronic Components Datasheet Search
  English  ▼

X  

CA91L862A Datasheet (PDF) - Renesas Technology Corp

CA91L862A Datasheet PDF - Renesas Technology Corp
Part # CA91L862A
Download  CA91L862A Download
File Size   663.05 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PowerQUICC-to-PCI Bridge

CA91L862A Datasheet (PDF)

Go To PDF Page Download Datasheet
CA91L862A Datasheet PDF - Renesas Technology Corp

Part # CA91L862A
Download  CA91L862A Click to download

File Size   663.05 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PowerQUICC-to-PCI Bridge

CA91L862A Datasheet (HTML) - Renesas Technology Corp


CA91L862A Product details

▪ High-Performance Processor Interface
• MPC860 interface supports prefetched reads
and burst writes
• Operates up to 50 MHz
▪ High-Performance PCI Bus Interface
• Zero-wait state bursts, prefetch reads and writes
on PCI
• Serial EEPROM interface for Plug and Play
compatibility on PCI
• Universal PCI signaling (3.3 and 5V compliant)
▪ PCI version 2.2 Enhancements
• Vital Product Data: offers an improved method of
communicating board-specific information to the
system
• PCI Power Management interface: enables
operating systems to control the power supplied
to CA91L862A related hardware (for example,
an add-in card)
▪ Integrated PCI Bus Arbiter
• Supports up to seven external bus masters
• Fairness algorithm for preventing deadlocks
▪ CompactPCI Hot Swap Friendly
▪ High-performance DMA controller with support for
Direct and Linked List modes
▪ Mailbox registers for passing parameters between
host and embedded environments




Similar Part No. - CA91L862A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
CA91L862A-50IL IDT-CA91L862A-50IL Datasheet
83Kb / 2P
QSpan II??PowerQUICC-to-PCI Bridge Product Brief
More results


Similar Description - CA91L862A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2031 TI-PCI2031 Datasheet
920Kb / 70P
PCI-TO-PCI BRIDGE
PCI2050 TI-PCI2050 Datasheet
335Kb / 81P
PCI-TO-PCI BRIDGE
PCI2050B TI-PCI2050B Datasheet
410Kb / 87P
PCI-TO-PCI BRIDGE
logo
Intel Corporation
21150 INTEL-21150 Datasheet
1Mb / 164P
PCI-to-PCI Bridge
21152 INTEL-21152 Datasheet
1Mb / 148P
PCI-to-PCI Bridge
logo
Integrated Device Techn...
CA91L862A-50IL IDT-CA91L862A-50IL Datasheet
83Kb / 2P
QSpan II??PowerQUICC-to-PCI Bridge Product Brief
logo
Intel Corporation
FW21154AE INTEL-FW21154AE Datasheet
345Kb / 36P
PCI-to-PCI Bridge
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI1-PCI2050B_17 Datasheet
445Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI-PCI2050B_V01 Datasheet
511Kb / 88P
PCI-to-PCI Bridge
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com